Electronic Components Datasheet Search
  English  ▼

X  

HT95R22 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
HT95R22
Rev. 1.00
19
January 6, 2009
on/off bit, which is bit 4 of the Timer Control Register,
and known as T0ON and T1ON, provides the basic
on/off control of the Timer/Event Counter. Setting the bit
high allows the Timer/Event Counter to run, clearing the
bit stops it running. If Timer/Event Counter 0 is in the
event count or pulse width measurement mode, the ac-
tive transition edge level type is selected by the logic
level of bit 3 of the Timer Control Register which is
known as T0E.
Configuring the Timer Mode
This mode is available for both Timer/Event Counters. In
this mode, the Timer/Event Counters can be utilised to
measure fixed time intervals, providing an internal inter-
rupt signal each time the Timer/Event Counter over-
flows. To operate in this mode, the Operating Mode
Select bit pair in the Timer Control Register must be set
to the correct value as shown.
Control Register Operating Mode
Select Bits for the Timer Mode
Bit7 Bit6
10
In this mode the internal clock, is used as the
Timer/Event Counter clock. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter to run. Each
time an internal clock cycle occurs, the Timer/Event
Counter increments by one. When it is full and over-
flows, an interrupt signal is generated and the
Timer/Event Counter will reload the value already
loaded into the preload register and continue counting.
The interrupt can be disabled by ensuring that the
Timer/Event Counter Interrupt Enable bit in the Interrupt
Control Register, is reset to zero.
Configuring the Event Counter Mode
This mode is only available for Timer/Event Counter 0.
In this mode, a number of externally changing logic
events, occurring on the external timer pin, can be re-
corded by Timer/Event Counter 0. To operate in this
mode, the Operating Mode Select bit pair in the Timer
Control Register must be set to the correct value as
shown.
Control Register Operating Mode
Select Bits for the Event Counter Mode
Bit7 Bit6
01
In this mode the external timer pin is used as the
Timer/Event Counter 0 clock source, however it is not di-
vided by the internal prescaler. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter to run. If the Ac-
tive Edge Select bit, which is bit 3 of the Timer Control
Register, is low, the Timer/Event Counter will increment
each time the external timer pin receives a low to high
transition. If the Active Edge Select bit is high, the coun-
ter will increment each time the external timer pin re-
ceives a high to low transition. When it is full and
overflows, an interrupt signal is generated and
Timer/Event Counter 0 will reload the value already
loaded into the preload register and continue counting.
The interrupt can be disabled by ensuring that the
Timer/Event Counter 0 Interrupt Enable bit in the Inter-
rupt Control Register, is reset to zero.
To ensure that the timer pin is configured to operate as
an event counter input pin the Timer Control Register
must place Timer/Event Counter 0 in the Event
Counting Mode. It should be noted that in the event
counting mode, even if the microcontroller is in the
Power Down Mode, Timer/Event Counter 0 will continue
to record externally changing logic events on the timer
input pin. As a result when the timer overflows it will gen-
erate a timer interrupt and corresponding wake-up
source.
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Diagram
T i m e r + 2
E x t e r n a l T i m e
P i n I n p u t
T E = 1
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
Event Counter Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com