Electronic Components Datasheet Search
  English  ▼

X  

PA3535 Datasheet(PDF) 5 Page - Protek Devices

Part # PA3535
Description  0.4廓 Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3535 Datasheet(HTML) 5 Page - Protek Devices

  PA3535 Datasheet HTML 1Page - Protek Devices PA3535 Datasheet HTML 2Page - Protek Devices PA3535 Datasheet HTML 3Page - Protek Devices PA3535 Datasheet HTML 4Page - Protek Devices PA3535 Datasheet HTML 5Page - Protek Devices PA3535 Datasheet HTML 6Page - Protek Devices PA3535 Datasheet HTML 7Page - Protek Devices PA3535 Datasheet HTML 8Page - Protek Devices PA3535 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0.4Ω Dual SPDT Analog Switch
PA3535/3536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
47
95070 Rev.3. 03/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
V+ = 2.0 V
V+ = 3.0 V
Switching Time vs.
T
emperature
100
90
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
10
tON V+ = 2 V
80
70
60
tON V+ = 3 V
50
40
30
tOFF V+ = 2 V
20
tOFF V+ = 3 V
−10
−30
−50
−70
Loss
V+ = 3.0 V
RL= 50
OIRR
10
0
−60
−40
−20
0
20
40
60
80
100
Temperature ( °C)
−90
100 K
1 M
10 M
Frequency (Hz)
100 M
1 G
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
Switching Threshold vs. Supply V
oltage
300
250
200
150
100
50
0
−50
−100
−150
−200
−250
−300
Charge Injection vs. Analog Voltage
0
1
2
3
4
5
6
V+
− Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM− Analog Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com