Electronic Components Datasheet Search
  English  ▼

X  

PA3535 Datasheet(PDF) 8 Page - Protek Devices

Part # PA3535
Description  0.4廓 Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3535 Datasheet(HTML) 8 Page - Protek Devices

  PA3535 Datasheet HTML 1Page - Protek Devices PA3535 Datasheet HTML 2Page - Protek Devices PA3535 Datasheet HTML 3Page - Protek Devices PA3535 Datasheet HTML 4Page - Protek Devices PA3535 Datasheet HTML 5Page - Protek Devices PA3535 Datasheet HTML 6Page - Protek Devices PA3535 Datasheet HTML 7Page - Protek Devices PA3535 Datasheet HTML 8Page - Protek Devices PA3535 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.4Ω Dual SPDT Analog Switch
PA3535/3536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
50
95070 Rev.3. 03/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
P3
L3
SIDE VIEW
Recommended Land Pattern
P1
P2
TOP VIEW
L2
L1
p
0.5mm
0.5mm
0.15mm Rad
BOTTOM VIEW
Package Outline and Dimensions Flip-Chip 10-Bump
Tape and Reel Specifications
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-
max
178 (7”)
1.68±0.10
2.18±0.10
0.85±0.10
1.50±0.10
1.75±0.10
3.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
4.00±0.10
0.25
MILLIMETERS
Dim
MIN
TYP
MAX
P1
1.98
2.00
2.02
P2
1.49
1.50
1.52
P3
0.68
0.71
0.75
L1
0.30
0.32
0.34
L2
0.30
0.32
0.34
L3
0.22
0.24
0.26
p
0.50
0.50
0.50
P0
P2
D
A0
B0
P
E
F
W
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2
YYWW
3535
A
B
C
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com