Electronic Components Datasheet Search
  English  ▼

X  

PA3535 Datasheet(PDF) 1 Page - Protek Devices

Part # PA3535
Description  0.4廓 Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3535 Datasheet(HTML) 1 Page - Protek Devices

  PA3535 Datasheet HTML 1Page - Protek Devices PA3535 Datasheet HTML 2Page - Protek Devices PA3535 Datasheet HTML 3Page - Protek Devices PA3535 Datasheet HTML 4Page - Protek Devices PA3535 Datasheet HTML 5Page - Protek Devices PA3535 Datasheet HTML 6Page - Protek Devices PA3535 Datasheet HTML 7Page - Protek Devices PA3535 Datasheet HTML 8Page - Protek Devices PA3535 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
0.4Ω Dual SPDT Analog Switch
PA3535/3536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
43
95070 Rev.3. 03/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
• Low Voltage Operation
• Low On-Resistance Ron = 0.4Ω @ 2.7 V
• −69 dB OIRR @ 2.7 V, 100 kHz MSOP-10 and
DFN-10 Packages ESD Protection >2000 V
• Latch-Up Current >300 mA (JESD 78)
Benefits
• Reduced Power Consumption
• High Accuracy
• Reduce Board Space
• 1.8-V Logic Compatible
• High Bandwidth
Applications
•
Cellular Phones
•
Speaker Headset Switching Audio
•
Video Signal Routing
•
PCMCIA Cards
•
Battery Operated Systems
•
Relay Replacement
•
USB1.1
Truth Table
Logic
NC1 and NC2
NO1 and NO2
0
ON
OFF
1
OFF
ON
Description
The PA3535/PA3536 are 0..4Ω dual SPDT analog switches
designed for low voltage applications.
The PA3535/PA3536 has on-resistance matching (less than
0.05Ω @ 2.7 V) and flatness (less than 0.2Ω @ 2.7 V) that is
guaranteed, over the entire voltage range. Additionally, low
logic thresholds make the PA3535/PA3536 an ideal interface
to low voltage DSP control signals.
The PA3535/PA3536 has fast switching speed with break-
before-make guaranteed. In the On condition, all switching
elements conduct equally in both directions. Off-isolation and
crosstalk is −69 dB @ 100 kHz.
The PA3535/PA3536 contains the additional benefit of
2,000 Volt ESD protections.
In space saving CSP (Pb-free) packages, the PA3535/PA3536
are high performance, low Ron switches for battery powered
applications.
No (Pb) is used in the manufacturing process either inside the
device/package or on the external terminations.
As a committed partner to the community and the
environment, ProTek Analog manufactures this product with
the lead (Pb)-free device terminations.
The different lead (Pb)-free materials are interchangeable and
meet all JEDEC standards for reflow and MSL rating.
Functional Diagram
Ordering Information
7” Reel
Temp Range
Package
Part Number
3000
-40 to +80°C
Flip Chip
10 Bump
PA3535-LF-T7
PA3536-LF-T7
PA3536
PA3535
COM2
GND
V+
NO1
COM1
IN1
NC1
NC2
IN2
NO2
Top View
IN2
NC2
NO2
NC1
NO1
IN1
COM2
COM1
GND
V+
COM2
GND
V+
NO1
COM1
IN1
NC1
NC2
NO2
Top View
IN2
A
B
C
1
2
3
4
B
C
1
2
3
4
A


Similar Part No. - PA3535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA35-13 ETC2-PA35-13 Datasheet
1Mb / 12P
Client Side Antennas
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
Pole mount or surface mount
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
RISING CLAMP TERMINAL BLOCK
logo
Pulse A Technitrol Comp...
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results

Similar Description - PA3535

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
3.0V, SOTiny??0.4??Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
0.4廓 Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
0.4廓 Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
DUAL 15-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com