Electronic Components Datasheet Search
  English  ▼

X  

VT6M1 Datasheet(PDF) 2 Page - Rohm

Part # VT6M1
Description  1.2V Drive Nch Pch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6M1 Datasheet(HTML) 2 Page - Rohm

  VT6M1 Datasheet HTML 1Page - Rohm VT6M1 Datasheet HTML 2Page - Rohm VT6M1 Datasheet HTML 3Page - Rohm VT6M1 Datasheet HTML 4Page - Rohm VT6M1 Datasheet HTML 5Page - Rohm VT6M1 Datasheet HTML 6Page - Rohm VT6M1 Datasheet HTML 7Page - Rohm VT6M1 Datasheet HTML 8Page - Rohm VT6M1 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
VT6M1
Electrical characteristics (Ta = 25
C)
<Tr1(Nch)>
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=±8V, VDS=0V
Drain-source breakdown voltage V (BR)DSS
20
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=20V, VGS=0V
Gate threshold voltage
VGS (th)
0.3
-
1.0
V
VDS=10V, ID=100A
-
2.5
3.5
ID=100mA, VGS=4.5V
-
3.0
4.2
ID=100mA, VGS=2.5V
-
3.8
5.3
ID=50mA, VGS=1.8V
-
4.5
9.0
ID=20mA, VGS=1.5V
-
6.0
18.0
ID=10mA, VGS=1.2V
Forward transfer admittance
l Yfs l
180
-
-
mS VDS=10V, ID=100mA
Input capacitance
Ciss
-
7.1
-
pF
VDS=10V
Output capacitance
Coss
-
3.3
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
1.7
-
pF
f=1MHz
Turn-on delay time
td(on)
-5
-
ns
VDD 10V, ID=50mA
Rise time
tr
-4
-
ns
VGS=4.5V
Turn-off delay time
td(off)
-
20
-
ns
RL=200RG=10
Fall time
tf
-38
-
ns
*Pulsed
Body diode characteristics (Source-Drain)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
-
-
1.2
V
Is=100mA, VGS=0V
*Pulsed
Parameter
Conditions
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
2/8
2011.09 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com