Electronic Components Datasheet Search
  English  ▼

X  

VT6M1 Datasheet(PDF) 1 Page - Rohm

Part # VT6M1
Description  1.2V Drive Nch Pch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6M1 Datasheet(HTML) 1 Page - Rohm

  VT6M1 Datasheet HTML 1Page - Rohm VT6M1 Datasheet HTML 2Page - Rohm VT6M1 Datasheet HTML 3Page - Rohm VT6M1 Datasheet HTML 4Page - Rohm VT6M1 Datasheet HTML 5Page - Rohm VT6M1 Datasheet HTML 6Page - Rohm VT6M1 Datasheet HTML 7Page - Rohm VT6M1 Datasheet HTML 8Page - Rohm VT6M1 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
1.2V Drive Nch + Pch MOSFET
VT6M1
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET/
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) Small package(VMT6).
3) Low voltage drive(1.2V drive).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
T2CR
Basic ordering unit (pieces)
8000
VT6M1
Absolute maximum ratings (Ta = 25
C)
Tr1 : N-ch Tr2 : P-ch
Drain-source voltage
VDSS
20
20
V
Gate-source voltage
VGSS
8
10
V
Continuous
ID
100
100
mA
Pulsed
IDP
400
400
mA
W / TOTAL
W / ELEMENT
Channel temperature
Tch
C
Range of storage temperature
Tstg
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a recommended land.
Type
Drain current
Parameter
0.12
Power dissipation
PD
0.15
Unit
Limits
55 to 150
Symbol
150
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Drain
(4) Tr2 Source
(5) Tr2 Gate
(6) Tr1 Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
*1
*2
1.2
0.5
0.13
0.16
0.8
±0.1
0.4 0.4
(6)
(5) (4)
(1)
(2) (3)
VMT6
Abbreviated symbol : M01
∗2
∗2
∗1
∗1
(1)
(2)
(6)
(5)
(3)
(4)
1/8
2011.09 - Rev.A


Similar Part No. - VT6M1

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT6-104H QUARTZCOM-VT6-104H Datasheet
93Kb / 1P
Through hole VC-TCXO HCMOS High reliable hermetic sealed package
VT6-104H3 QUARTZCOM-VT6-104H3 Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
VT6-104H3 QUARTZCOM-VT6-104H3 Datasheet
93Kb / 1P
Through hole VC-TCXO HCMOS High reliable hermetic sealed package
VT6-104H5 QUARTZCOM-VT6-104H5 Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
VT6-104H5 QUARTZCOM-VT6-104H5 Datasheet
93Kb / 1P
Through hole VC-TCXO HCMOS High reliable hermetic sealed package
More results

Similar Description - VT6M1

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6M2 ROHM-EM6M2 Datasheet
273Kb / 8P
1.2V Drive NchPch MOSFET
EM6J1 ROHM-EM6J1 Datasheet
237Kb / 5P
1.2V Drive Pch MOSFET
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
1.2V Drive Pch MOSFET
RZM002P02 ROHM-RZM002P02 Datasheet
224Kb / 5P
1.2V Drive Pch MOSFET
RZB002P02 ROHM-RZB002P02 Datasheet
294Kb / 6P
1.2V Drive Pch MOSFET
RZE002P02 ROHM-RZE002P02 Datasheet
225Kb / 5P
1.2V Drive Pch MOSFET
RU1C002ZP ROHM-RU1C002ZP Datasheet
975Kb / 6P
1.2V Drive Pch MOSFET
VT6J1 ROHM-VT6J1 Datasheet
1Mb / 6P
1.2V Drive Pch Pch MOSFET
RZM002P02T2L ROHM-RZM002P02T2L Datasheet
164Kb / 5P
1.2V Drive Pch MOSFET
EM6M2T2R ROHM-EM6M2T2R Datasheet
208Kb / 8P
1.2V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com