Electronic Components Datasheet Search
  English  ▼

X  

PA4402 Datasheet(PDF) 6 Page - Protek Devices

Part # PA4402
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4402 Datasheet(HTML) 6 Page - Protek Devices

  PA4402 Datasheet HTML 1Page - Protek Devices PA4402 Datasheet HTML 2Page - Protek Devices PA4402 Datasheet HTML 3Page - Protek Devices PA4402 Datasheet HTML 4Page - Protek Devices PA4402 Datasheet HTML 5Page - Protek Devices PA4402 Datasheet HTML 6Page - Protek Devices PA4402 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P
A
4
4
0
1
C
l
i
c
k
-
P
o
p
S
u
p
p
r
e
s
s
i
o
n
D
e
v
i
c
e
PA4402
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
95026. Rev.2. 02/2012
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Circuit for Turn-On time vs. CEXT and Turn-Off Time vs. CEXT
CEXT (µF)
tON (mS)
tOFF (mS)
1
172
19
2.2
362
23
3.3
512
25
4.7
636
34
Control
Element
INx
VOUTx
VCC
CEXT
C1
1MΩ
R1
50%
50%
tON
90%
10%
tOFF
VINx
VOUTx



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com