Electronic Components Datasheet Search
  English  ▼

X  

PA4402 Datasheet(PDF) 4 Page - Protek Devices

Part # PA4402
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4402 Datasheet(HTML) 4 Page - Protek Devices

  PA4402 Datasheet HTML 1Page - Protek Devices PA4402 Datasheet HTML 2Page - Protek Devices PA4402 Datasheet HTML 3Page - Protek Devices PA4402 Datasheet HTML 4Page - Protek Devices PA4402 Datasheet HTML 5Page - Protek Devices PA4402 Datasheet HTML 6Page - Protek Devices PA4402 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P
A
4
4
0
1
C
l
i
c
k
-
P
o
p
S
u
p
p
r
e
s
s
i
o
n
D
e
v
i
c
e
PA4402
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
95026. Rev.2. 02/2012
NOT FOR USE IN LIFE SUPPORT SYSTEMS
APPLICATION INFORMATION
Figure 4: Power Up sequence waveforms
Channel 1 (yellow waveform) is the rise of the 12V power supply.
Channel 2 (blue waveform) is the waveform at the bypass capacitor input plate.
Channel 4 (green waveform) is the waveform at the bypass capacitor output plate without the PA4402.
Channel 3 (magenta waveform) is the waveform at the bypass capacitor output plate with the PA4402.
In Figure 3, the audible POP noise would be as high as 7.2V (Channel 4) and may also swing in the negative direction as well
creating a Pk-Pk voltage of 12V, creating a loud undesirable POP noise. This noise is minimized on Channel 3 using the
PA4402. As the Turn-On time is about 172mS (with a 1 µF on CEXT), thus suppressing the POP noise during power up.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com