Electronic Components Datasheet Search
  English  ▼

X  

PA4402 Datasheet(PDF) 1 Page - Protek Devices

Part # PA4402
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4402 Datasheet(HTML) 1 Page - Protek Devices

  PA4402 Datasheet HTML 1Page - Protek Devices PA4402 Datasheet HTML 2Page - Protek Devices PA4402 Datasheet HTML 3Page - Protek Devices PA4402 Datasheet HTML 4Page - Protek Devices PA4402 Datasheet HTML 5Page - Protek Devices PA4402 Datasheet HTML 6Page - Protek Devices PA4402 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA4402
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
95029. Rev2. 2/2012;
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Output
Startup
&
Shutdown
Control
Input
Vcc
4402DN
Pre
Amp
Input
Pre
Amp
Output
FEATURES
12V (typical) operation
3V RMS Capability
Power-Up and Power-
Down “POP” suppression
ESD protected outputs
Series operation
Only 1 external capacitor required
Ron (On resistance): 3.75 ohms
Ron Flatness: <0.2 ohms
Total Harmonic Distortion: <1%
Current drain: <5mA
APPLICATIONS
Portable DVD players
Set-top boxes
Car Audio
High End Audio
Televisions
Stereo Systems
Digital Video Recorders
LCD TVs
Home Theater systems
Pin Layout and Description
GENERAL DESCRIPTION
The PA4402 provides click-pop suppression for devices that
lack a click-less/pop-less startup or shutdown. The PA4402 is
placed between the codec and the output coupling capacitor.
The click-pop noise is generated at the coupling capacitors
while the system is starting up as well as shutting down.
The PA4402 controls the ramping of the DC voltage into the
coupling capacitors thus reducing the click-pop noise
generated during the startup and shutdown.
The start time can be controlled or changed using an external
capacitor.
ESD protection circuits are provided at the inputs and outputs
of the device.
The PA4402 consumes less than 5mA of current and
provides a THD of less than 1%.
FUNCTIONAL DIAGRAM
Figure 1: Functional block diagram of PA4402
SEL Logic Table
System Voltage
SEL Status
12V
GND
>12.5V
VCC
Ordering Information
Temp Range
Package
Part Number
-40 to 85 °C
12 Lead DFN
PA4402-T7
Pin
Symbol
Designation
1
Vcc
Voltage
2
In1
Audio Input 1
3
NC
No Connect (Leave OPEN)
4
NC
No Connect (Leave OPEN)
5
In2
Audio Input 2
6
SEL
See SEL Logic Table
7
GND
Ground
8
Out2
Audio Output 2
9
NC
No Connect (Leave OPEN)
10
NC
No Connect (Leave OPEN)
11
Out1
Audio Output 1
12
CEXT
External Capacitor
4402DN
XXXX


Similar Part No. - PA4402

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
CLICK-POP SUPPRESSION DEVICE
More results

Similar Description - PA4402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
CLICK-POP SUPPRESSION DEVICE
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
Near-zero click-and-pop
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
Near-zero pop and click
28-Jan-2008
STEVAL-CCA008V1 STMICROELECTRONICS-STEVAL-CCA008V1 Datasheet
162Kb / 4P
Circuit free of Pop and click
09-Feb-2009
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
Shut Mode Audio Click-and-Pop Eliminator
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com