Electronic Components Datasheet Search
  English  ▼

X  

PA5026P Datasheet(PDF) 6 Page - Protek Devices

Part # PA5026P
Description  16-Bit Constant Current LED Sink Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026P Datasheet(HTML) 6 Page - Protek Devices

Back Button PA5026P Datasheet HTML 2Page - Protek Devices PA5026P Datasheet HTML 3Page - Protek Devices PA5026P Datasheet HTML 4Page - Protek Devices PA5026P Datasheet HTML 5Page - Protek Devices PA5026P Datasheet HTML 6Page - Protek Devices PA5026P Datasheet HTML 7Page - Protek Devices PA5026P Datasheet HTML 8Page - Protek Devices PA5026P Datasheet HTML 9Page - Protek Devices PA5026P Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
6
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
TEST CIRCUIT
Test conditions: for above figure
Tamb=25
C,VDD=VIH=3.3V and 5V,VOUT=O.7V,VIL=OV,REXT=49OΩ,VL=3.OV,RL=6OΩ,CL=IO.5pF
SWITCHING CHARACTERISTICS
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
CLK - OUTn
tpLH1
-
100
150
ns
LE - OUTn
tpLH2
-
100
150
ns
OE - OUTn
tpLH3
-
50
150
ns
Propagation Delay Time
(“L” to “H”)
CLK - SDO
tpL
H
15
20
-
ns
CLK - OUTn
tpHL1
-
50
100
ns
LE - OUTn
tpHL2
-
50
100
ns
OE - OUTn
tpHL3
-
20
100
ns
Propagation Delay Time
(“H” to “L”)
CLK - SDO
tpHL
15
20
-
ns
CLK
tw(CLK)
20
-
-
ns
LE
tw(L)
20
-
-
ns
Pulse Width
OE
tw(OE)
200
-
-
ns
Hold Time for LE
th(L)
5
-
-
ns
Setup Time for LE
tsu(L)
5
-
-
ns
Hold Time for SDI
th(D)
10
-
-
ns
Setup Time for SDI
tsu(
D)
VDD=5.0 V
VDS=0.8 V
VIH=VDD
VIL=GND
Rext=300 Ω
VL=4.0 V
RL=52 Ω
CL=10 pF
5
-
-
ns
Clock Frequency
FCLK
Cascade
Operation
-
-
25.0
MHz
Maximum CLK Rise Time
tr**
-
-
500
ns
Maximum CLK Fall Time
tf**
-
-
500
ns
Output Rise Time of Vout (turn off)
tor
-
70
200
ns
PA5026
VIL+VIH
OE
CLK
SW-
MATRIX
21
3
4
2
23
24
22
20
5
LE
SDI
R-EXT
GND
1
SDO
OUT15
OUT0
VDD
RL
RL
CL
CL
VL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com