Electronic Components Datasheet Search
  English  ▼

X  

PA5026P Datasheet(PDF) 4 Page - Protek Devices

Part # PA5026P
Description  16-Bit Constant Current LED Sink Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026P Datasheet(HTML) 4 Page - Protek Devices

  PA5026P Datasheet HTML 1Page - Protek Devices PA5026P Datasheet HTML 2Page - Protek Devices PA5026P Datasheet HTML 3Page - Protek Devices PA5026P Datasheet HTML 4Page - Protek Devices PA5026P Datasheet HTML 5Page - Protek Devices PA5026P Datasheet HTML 6Page - Protek Devices PA5026P Datasheet HTML 7Page - Protek Devices PA5026P Datasheet HTML 8Page - Protek Devices PA5026P Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
4
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4~VDD + 0.4
V
Output Current
IOUT
+90
mA
Output Voltage
VDS
-0.5~+17.0
V
Clock Frequency
FCLK
25
MHz
GND Terminal Current
IGND
1440
mA
CN – type
2.32
CNS – type
1.87
CD – type
2.51
CF – type
2.12
CP – type
1.73
Power Dissipation
(On PCB, Ta=25°C)
CPA – type
PD
1.73
W
CN – type
53.82
CNS – type
66.74
CD– type
49.81
CF – type
59.01
CP – type
72.43
Thermal Resistance
(On PCB, Ta=25°C)
CPA – type
Rth(j-a)
72.43
°C/W
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com