Electronic Components Datasheet Search
  English  ▼

X  

PA5026P Datasheet(PDF) 1 Page - Protek Devices

Part # PA5026P
Description  16-Bit Constant Current LED Sink Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026P Datasheet(HTML) 1 Page - Protek Devices

  PA5026P Datasheet HTML 1Page - Protek Devices PA5026P Datasheet HTML 2Page - Protek Devices PA5026P Datasheet HTML 3Page - Protek Devices PA5026P Datasheet HTML 4Page - Protek Devices PA5026P Datasheet HTML 5Page - Protek Devices PA5026P Datasheet HTML 6Page - Protek Devices PA5026P Datasheet HTML 7Page - Protek Devices PA5026P Datasheet HTML 8Page - Protek Devices PA5026P Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
1
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
FEATURES
16-channel constant–current output.
Output constant current: 2 - 80mA
Current accuracy (All output ON)
Between BITS ±1%
Between IC’s ±1%
Output Current 2~80mA adjustable
Output current adjustable through an external
resistor.
Interleave time delay of output channel
Fast response for output port (tr/td=50ns)
25MHz clock frequency
DESCRIPTION
PA5026 contains a serial buffer and data latches
which convert serial input data into parallel output
format. At PA5026 output stage, sixteen regulated
current ports are designed to provide uniform and
constant current sinks for driving LED’s within a large
range of Vf variations.
PA5026 provides users with great flexibility and device
performance in their system design for LED display
applications, e.g. LED panels.
Users may adjust the output current from 2 mA to 80 mA
through an external resistor, Rext, which gives them the
flexibility in controlling the light intensity of LED’s.
PA5026 guarantees a maximum of 17V at the output port.
The high clock frequency, 25 MHz, satisfies the system
requirements of high volume data transmission.
ORDERING INFORMATION
Device No.
Package
PA5026P
SSOP-24-300-1.0
PA5026S
SSOP-24-150-0.635
PA5026R
PA5026QN
QFN-24
BLOCK DIAGRAM
5
6
20
22
23
21
4
2
3
REXT
OE
LE
SDI
CLOCK
SERIAL -OUT
1- Reg
Q
ST
D
Q
ST
D
Q
ST
D
D
Q
CK
D
Q
CK
D
Q
CK
OUT 0
OUT 1
OUT 15


Similar Part No. - PA5026P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA502CT-T1-A/AT RENESAS-PA502CT-T1-A/AT Datasheet
161Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
logo
List of Unclassifed Man...
PA502FMG ETC2-PA502FMG Datasheet
123Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA502FMG UNIKC-PA502FMG Datasheet
542Kb / 5P
P-Channel Logic Level Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA502FMG VBSEMI-PA502FMG Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - PA5026P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com