Electronic Components Datasheet Search
  English  ▼

X  

PA5155 Datasheet(PDF) 1 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 1 Page - Protek Devices

  PA5155 Datasheet HTML 1Page - Protek Devices PA5155 Datasheet HTML 2Page - Protek Devices PA5155 Datasheet HTML 3Page - Protek Devices PA5155 Datasheet HTML 4Page - Protek Devices PA5155 Datasheet HTML 5Page - Protek Devices PA5155 Datasheet HTML 6Page - Protek Devices PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
DAC
24-bit, 8 kHz to 96 kHz sampling frequency
96 dB dynamic range, 96 dB signal to noise ratio, -83 dB
THD+N
40 mW headphone amplifier, pop noise free, capless
option
Stereo enhancement
Bass and Treble adjustments
Various analog output mixing and gains
Low Power
1.8V to 3.3V operation
7 mW playback
System
I
2C or SPI uC interface
256Fs, 384Fs, USB 12 MHz or 24 MHz
Master or slave serial port
I
2S, Left Justified, DSP/PCM Mode
Fractional PLL for wide range of system clocks
APPLICATIONS
GPS
Bluetooth
MP3, MP4, PMP
Cell phone
Digital camera, camcorder
Portable audio devices
GENERAL DESCRIPTION
PA5155 is a high performance, low power and low cost audio
DAC. It consists of 2-ch DAC, headphone amplifier, digital
sound effects, and analog mixing and gain functions.
The device uses advanced multi-bit delta-sigma modulation
technique to convert data between digital and analog.
The multi-bit delta-sigma modulators make the device with low
sensitivity to clock jitter and low out of band noise.
BLOCK DIAGRAM
ORDERING INFORMATION
Temperature Range
Package
Part Number
-40 to 85 °C
QFN-28
PA5155-T7
LIN
RIN
Stereo
Enhance
DAC
DACL
MONO+
DACR
mixL
mixR
mixL
mixR
LOUT1
ROUT1
mixL
+/-mixR
LOUT2
ROUT2
PLL
µC Interface
Serial Audio Data
D2S
+
LIN
MONO
DACL
DACR
+
RIN
MONO
DACL
DACR
MONO-
MONO
mixM
MOUT
VREF
ROUT1
MOUT
OUT3
+
LIN
RIN
DACL
DACR
mixM


Similar Part No. - PA5155

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PA515BD NIKOSEM-PA515BD Datasheet
256Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PA5155

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com