Electronic Components Datasheet Search
  English  ▼

X  

PA5155 Datasheet(PDF) 22 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 22 Page - Protek Devices

Back Button PA5155 Datasheet HTML 18Page - Protek Devices PA5155 Datasheet HTML 19Page - Protek Devices PA5155 Datasheet HTML 20Page - Protek Devices PA5155 Datasheet HTML 21Page - Protek Devices PA5155 Datasheet HTML 22Page - Protek Devices PA5155 Datasheet HTML 23Page - Protek Devices PA5155 Datasheet HTML 24Page - Protek Devices PA5155 Datasheet HTML 25Page - Protek Devices PA5155 Datasheet HTML 26Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
18
– divide by 66
19
– divide by 72
other
– divide by 4
REFERENCE SETTING
Register 46
– Control Port Registers Reset, Default 0000 0000
Bit Name
Bit
Description
RST_CP
7
0
– not reset (default)
1
– reset all registers of control port
Register 47
– Power Down Control, Default 0000 1100
Bit Name
Bit
Description
PDN_ANA
3
0
– not power down
1
– power down analog blocks (default)
PDN_DIG
2
0
– not power down
1
– power down digital blocks (default)
PDN_FSM
1
0
– not power down (default)
1
– power down FSM
PDN_DLL
0
0
– not power down (default)
1
– power down DLL
Register 48
– Reference 1, Default 0000 0000
Bit Name
Bit
Description
SEQ_EN
0
0
– internal power up/down sequence disable (default)
1
– internal power up/down sequence enable
Register 49
– Reference 2, Default 0010 1000
Bit Name
Bit
Description
ENREFR
5
0
– disable reference
1
– enable reference (default)
VROI
4
0
– 1.5k VREF to analog output resistance (default)
1
– 40k VREF to analog output resistance
VMIDSEL
3:2
00
– Vmid disabled (off mode)
01
– 50k divider enabled (playback/record mode)
10
– 500k divider enabled (standby mode, default)
11
– 5 k divider enabled (fast start-up mode)
VMIDLOW
1:0
Reserved
Register 50
– Reference 3, Default 0011 0100
Bit Name
Bit
Description
PDN_VREFGEN
5
0
– not power down
1
– power down VREFGEN (default)
PDN_IBIASGEN
4
0
– not power down
1
– power down IBIASGEN (default)
LP_DACVRP
3
0
– normal (default)
1
– low power mode for DACVRP
LP_VREFBUF
2
0
– normal
1
– low power for VREFBUF (default)
PDN_VREFBUF
1
0
– not power down (default)
1
– power down VREFBUF
VREFR_LO
0
0
– normal (default)
1
– low power for VREFR
Register 51
– Reference 4, Default 1111 1100
Bit Name
Bit
Description
IBIASSW
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com