Electronic Components Datasheet Search
  English  ▼

X  

PA5388 Datasheet(PDF) 1 Page - Protek Devices

Part # PA5388
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5388 Datasheet(HTML) 1 Page - Protek Devices

  PA5388 Datasheet HTML 1Page - Protek Devices PA5388 Datasheet HTML 2Page - Protek Devices PA5388 Datasheet HTML 3Page - Protek Devices PA5388 Datasheet HTML 4Page - Protek Devices PA5388 Datasheet HTML 5Page - Protek Devices PA5388 Datasheet HTML 6Page - Protek Devices PA5388 Datasheet HTML 7Page - Protek Devices PA5388 Datasheet HTML 8Page - Protek Devices PA5388 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5388
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95256 Rev.0. 05/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
ADC
24-bit, 8 kHz to 96 kHz sampling frequency
95 dB dynamic range, 95 dB signal to noise ratio, -85 dB
THD+N
Stereo or mono microphone interface with microphone
amplifier
Auto level control and noise gate
3-to-1 analog input selection
Various analog input mixing and gains
DAC
24-bit, 8 kHz to 96 kHz sampling frequency
96 dB dynamic range, 96 dB signal to noise ratio, -83 dB
THD+N
40 mW headphone amplifier, pop noise free
Stereo enhancement
Bass and Treble
Various analog output mixing and gains
LOW POWER
1.8V to 3.3V operation
7 mW playback; 16 mW playback and record
SYSTEM
I
2C or SPI µC interface
256Fs, 384Fs, USB 12 MHz or 24 MHz
Master or slave serial port
I
2S, Left Justified, DSP/PCM Mode
APPLICATIONS
GPS
Bluetooth
MP3, MP4, PMP
Cell phone
Digital camera, camcorder
Portable audio devices
GENERAL DESCRIPTION
The PA5388 is a high performance, low power and low cost
audio CODEC. It consists of 2-ch ADC, 2-ch DAC,
microphone amplifier, headphone amplifier, digital sound
effects, and analog mixing and gain functions.
The device uses advanced multi-bit delta-sigma modulation
technique to convert data between digital and analog.
The multi-bit delta-sigma modulators make the device with low
sensitivity to clock jitter and low out of band noise.
The PA5388 is pin to pin compatible to WM8988 except Pin9
ALRCK and Pin25 DACREF. See the Pin Configuration Table.
BLOCK DIAGRAM
ORDERING INFORMATION
Temperature Range
Package
Part Number
-40 to 85 °C
QFN-28
PA5388-T7
MIC
AMP
LIN
LIN1
LIN2
LIN1
LIN2
Stereo
Enhanced
ALC
ADC
DAC
DACL
LIN1-RIN1
RIN
RIN1
DACR
LIN1-RIN1
mixL
mixR
mixL
mixR
LOUT1
ROUT1
mixL
+/-mixR
LOUT2
ROUT2
Clock Manager
µC Interface
Serial Audio Data
+
LIN
RIN
DACL
DACR
+
LIN
RIN
DACL
DACR
LIN2-RIN2
RIN2
LIN2-RIN2
MIC
AMP
micL
micR
RIN1
RIN2
micL+micR
micL+micR


Similar Part No. - PA5388

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5300.121HLT PULSE-PA5300.121HLT Datasheet
1Mb / 4P
SMT Power Inductors
PA5300.221HLT PULSE-PA5300.221HLT Datasheet
1Mb / 4P
SMT Power Inductors
PA5300.XXXHLT PULSE-PA5300.XXXHLT Datasheet
1Mb / 4P
SMT Power Inductors
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
More results

Similar Description - PA5388

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com