Electronic Components Datasheet Search
  English  ▼

X  

PA5388 Datasheet(PDF) 18 Page - Protek Devices

Part # PA5388
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5388 Datasheet(HTML) 18 Page - Protek Devices

Back Button PA5388 Datasheet HTML 14Page - Protek Devices PA5388 Datasheet HTML 15Page - Protek Devices PA5388 Datasheet HTML 16Page - Protek Devices PA5388 Datasheet HTML 17Page - Protek Devices PA5388 Datasheet HTML 18Page - Protek Devices PA5388 Datasheet HTML 19Page - Protek Devices PA5388 Datasheet HTML 20Page - Protek Devices PA5388 Datasheet HTML 21Page - Protek Devices PA5388 Datasheet HTML 22Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5388
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95256 Rev.0. 05/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 22
– ADC Control 14, Default 0000 0000
Bit Name
Bit
Description
NGTH
7:3
Noise gate threshold
00000
– -76.5 dBFS
00001
– -75 dBFS
……
11110
– -31.5 dBFS
11111
– -30 dBFS
NGG
2:1
Noise gate type
x0
– PGA gain held constant
01
– mute ADC output
11
– reserved
NGAT
0
Noise gate function enable
0
– disable
1
– enable
DAC CONTROL
Register 23
– DAC Control 1, Default 0000 0000
Bit Name
Bit
Description
DACLRSWAP
7
0
– normal
1
– left and right channel data swap
DACLRP
6
I2S, left justified or right justified mode:
0
– left and right normal polarity
1
– left and right inverted polarity
DSP/PCM mode:
0
– MSB is available on 2nd BCLK rising edge after ALRCK rising edge
1
– MSB is available on 1st BCLK rising edge after ALRCK rising edgeLRCK Polarity
DACWL
5:3
000
– 24-bit serial audio data word length
001
– 20-bit serial audio data word length
010
– 18-bit serial audio data word length
011
– 16-bit serial audio data word length
100
– 32-bit serial audio data word length
DACFORMAT
2:1
00
– I2S serial audio data format
01
– left justify serial audio data format
10
– right justify serial audio data format
11
– DSP/PCM mode serial audio data format
0
Register 24
– DAC Control 2, Default 0000 0110
Bit Name
Bit
Description
DACFsMode
5
0
– single speed mode (default)
1
– double speed mode
DACFsRatio
4:0
Master mode DAC MCLK to sampling frequency ratio
00000
— 128;
00001
— 192;
00010
— 256;
00011
— 384;
00100
— 512;
00101
— 576;
00110
— 768; (default)
00111
— 1024;
01000
— 1152;
01001
— 1408;
01010
— 1536;
01011
— 2112;
01100
— 2304;
10000
— 125;
10001
— 136;
10010
— 250;
10011
— 272;
10100
— 375;
10101
— 500;
10110
— 544;
10111
— 750;
11000
— 1000;
11001
— 1088;
11010
— 1496;
11011
— 1500;
Other
— Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com