Electronic Components Datasheet Search
  English  ▼

X  

PA5388 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5388
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5388 Datasheet(HTML) 3 Page - Protek Devices

  PA5388 Datasheet HTML 1Page - Protek Devices PA5388 Datasheet HTML 2Page - Protek Devices PA5388 Datasheet HTML 3Page - Protek Devices PA5388 Datasheet HTML 4Page - Protek Devices PA5388 Datasheet HTML 5Page - Protek Devices PA5388 Datasheet HTML 6Page - Protek Devices PA5388 Datasheet HTML 7Page - Protek Devices PA5388 Datasheet HTML 8Page - Protek Devices PA5388 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5388
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
95256 Rev.0. 05/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
Supply Vol
tage …………………………. MIN-0.3V MAX +5.0V
Input Voltage ………………… MIN GND-0.3V MAX VDD+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Temperature…………………MIN -65°C MAX +150°C
Note: Continuous operation at or beyond these conditions may
permanently damage the device.
RECOMMENDED OPERATING CONDITIONS
Analog Supply
Voltage …………………. MIN 1.7V MAX 3.6V
Digital Supply
Voltage ………………….. MIN 1.5V MAX 3.6V
ADC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient temperature=+25 C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
ADC Performance
Dynamic Range (Note 1)
85
95
98
dB
THD+N
-88
-85
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
85
95
98
dB
Inter-channel Gain Mismatch
0.1
dB
Gain Error
±5
%
Filter Frequency Response
– Single Speed
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Pass-band Ripple
±0.05
dB
Stop-band Attenuation
50
dB
Filter Frequency Response
– Double Speed
Pass-band
0
0.4167
Fs
Stop-band
0.5833
Fs
Pass-band Ripple
±0.005
dB
Stop-band Attenuation
50
dB
Analog Input
Full Scale Input Level
AVDD/3.3
Vrms
Input Impedance
20
K
Ω
Note
1. The value is measured used A-weighted filter.
DAC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient temperature=+25 C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
DAC Performance
Dynamic Range (Note 1)
83
96
98
dB
THD+N
-85
-83
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
83
96
98
dB
Inter-channel Gain Mismatch
0.05
dB
Filter Frequency Response
– Single Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com