Electronic Components Datasheet Search
  English  ▼

X  

WS2910 Datasheet(PDF) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2910
Description  WS2910 ?싩뵪遙섆벽佯쪳ED要긷뒯
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2910 Datasheet(HTML) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2910 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
6/7
WS
WS
WS
WS2910
2910
2910
2910
B、线性调光用在调节电流,减小LED亮度。 这种
情况下,LD外部可接入0~250mV的电压,来调 节工作时
的LED电流。
当使用内部250mV参考电压调光时,LD可连接 到
VDD。
注意: 虽然LD端可下拉至GND,但是输出电流不会降
至0,这是由于内部420ns的最小开启时间(等于前沿消
隐时间与输出延时的和)决定的,因此产生 了FET的最
小开启时间420ns,以及LD=GND时, LED电流不会为0。
此电流还决定于输入电压,电 感值,LED的正向电压以
及电路的
寄生参数。要得 到0 LED电流,可以使用PWMD引脚。
PWM调光
在PWMD端施加一低频方波信号,可实PWM 调
光。PWM信号为0时,Gate驱动关断;PWMD信 号为高
时,使能Gate驱动。由于PWMD信号不会关 断芯片的其
它部分,因此WS2910对于PWMD信号 的响应几乎是瞬
间的,所以LED电流的上升和下降斜率仅由电感电流的上
升和下降时间决定。要使 PWM调光失效,使WS2910永
久有效,将PWMD接 至VDD即可。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com