Electronic Components Datasheet Search
  English  ▼

X  

WS2910 Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2910
Description  WS2910 ?싩뵪遙섆벽佯쪳ED要긷뒯
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2910 Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2910 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
7/7
WS
WS
WS
WS2910
2910
2910
2910
SOP8
SOP8
SOP8
SOP8 Package
Package
Package
Package Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
S
S
S
Sy
y
y
ymbol
mbol
mbol
mbol
Dimensions
Dimensions
Dimensions
Dimensions In
In
In
In Milimeters
Milimeters
Milimeters
Milimeters
Dimensions
Dimensions
Dimensions
Dimensions In
In
In
In Inches
Inches
Inches
Inches
Min
Min
Min
Min
T
T
T
Ty
y
y
yp.
p.
p.
p.
Max
Max
Max
Max
Min
Min
Min
Min
T
T
T
Ty
y
y
yp.
p.
p.
p.
Max
Max
Max
Max
A
1.346
1.752
0.053
0.069
A1
0.101
0.254
0.004
0.010
b
0.406
0.016
c
0.203
0.008
D
4.648
4.978
0.183
0.196
E
3.810
3.987
0.150
0.157
e
1.016
1.270
1.524
0.040
0.050
0.060
F
0.381*45°
0.015*45°
H
5.791
6.197
0.228
0.244
L
0.406
1.270
0.016
0.050
θ°
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com