Electronic Components Datasheet Search
  English  ▼

X  

WS2273 Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2273
Description  2273 Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2273 Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2273 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WS2273
WS2273
WS2273
WS2273
5/9
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
GATE
GATE
GATE
GATE Output
Output
Output
Output Section
Section
Section
Section
VOL
Output voltage Low
VCC = 14V, Io = -5mA
1
V
VOH
Output voltage high
VCC = 14V, Io = 20mA
6
V
VClamp
Output clamp voltage
12
V
Tr
Rising time
GATE with 1nF to GND,
Gate 从 1~12V
175
ns
Tf
Falling time
GATE with 1nF to GND,
Gate 从 12~1V
85
ns
Over
Over
Over
Over temperature
temperature
temperature
temperature protection
protection
protection
protection
IRT
Output current of RT pin
95
100
105
uA
Votp
Threshold voltage for OTP
0.95
1
1.05
V
Td_OTP
OTP debounce time
16
Cycl
e
VRT_FL
Float voltage at RT pin
2.3
V
Vth_OVP
External OVP threshold voltage
4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com