Electronic Components Datasheet Search
  English  ▼

X  

WS2273 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2273
Description  2273 Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2273 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2273 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WS2273
WS2273
WS2273
WS2273
Rev.A Oct.2011
Features
Features
Features
Features
■ Burst Mode Control
■ 5uA ultra-low startup current
■ 1.8mA Low operating current
■ Built-in Leading-edge blanking
■ Built-in synchronous slope compensation circuit
■ Built-in Soft-Start
■ 65kHz fixed swith frequency
■ Cycle by cycle over current protection (OCP)
■ VCC over voltage clamp & under voltage lockout( UVLO)
■ Over load protection (OLP)
■ OTP and OVP shut down latch
■ Maximum Gate output voltage clamped at 12V
■ Frequency jittering
■ Adjustable OVP through external Zener
Applications
Applications
Applications
Applications
Universal switch power supply equipment and offline
AC/DC flyback power converter
■ Power Adapter
■ Set-Top Box Power Supplies
■ Open-frame SMPS
■ Battery Charger
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
2273 is a high performance current mode PWM controller,
optimized for low power power switch equipment.
For lower the standby power and higher RoHS compliant,
the IC offers a Burst Mode control feature and ultra-low
start-up current and operating current, that is, at the
condition of no load or light load, 2273 can reduce the
switch frequency linearly which minimize the switching
power loss; the ultra-low startup current and operating
current make a reliable power for startup design, and also
large resistor can be used in the startup circuit to improve
switching efficiency. The internal synchronous slope
compensation circuit reduces the possible subharmonic
oscillation at high PWM duty cycle output. Leading-edge
blanking on current sense(CS) input removes the signal
glitch due to snubber diode circuit reverse recovery and
thus greatly reduces the external component count and
system cost in the design. 2273 offers comprehensive
protection coverage with automatic self-recovery feature,
including cycle by cycle over current protection (OCP),
over load protection (OLP),VCC Clamp, under voltage
lockout (UVLO), OTP and OVP shut down latch. The
gate-driven output is clamped to maximum 12V to protect
the internal MOSFET.
Excellent EMI performance is achieved by using the
soft-switching
and
frequency
jittering
at
the
totem-pole-gate-drive output. The tone energy at below
20KHZ is minimized in the design and audio noise is
eliminat- ed during operation. The 2273 is the ideal
substitute of the linear power supply or the RCC-mod e
power, for a better performance of the whole switch power
system and a lower cost.
2273 is available in SOT23-6 package.
2273 Current Mode PWM Controller
General
General
General
General Description
Description
Description
Description


Similar Part No. - WS2273

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2259 WINSEMI-WS2259 Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259DP WINSEMI-WS2259DP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259SP WINSEMI-WS2259SP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259YP WINSEMI-WS2259YP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
More results

Similar Description - WS2273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com