Electronic Components Datasheet Search
  English  ▼

X  

WS2273 Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2273
Description  2273 Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2273 Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2273 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WS2273
WS2273
WS2273
WS2273
7/9
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Function
Function
Function
Function Description
Description
Description
Description
2273 is a high performance current mode PWM
controller, optimized for low power AC/DC application.
Ultra low startup current and operating current together
with burst mode feature minimize the standby power
consumption and improve the switching efficiency. In
addition to reduce the external component count, the
internal synchronous slope compensation combines with
the
leading-edge blanking
improves
system
large
stability
and
reduces
the
possible
subharmonic
oscillation. 2273 also have multiform general recovery
protection mode. The main function is described as
below .
Startup
Startup
Startup
Startup Current
Current
Current
Current and
and
and
and Startup
Startup
Startup
Startup Control
Control
Control
Control
Startup current of 2273 is designed to be extremely low
at 5uA, so that VCC could be charged up above UVLO
threshold level and device starts up quickly. A large value
startup resistor can therefore be used to minimize the
power loss, predigest the design of startup circuit and
provides reliable startup in application. For the design of
AC/DC adaptor with universal input range, a startup
resistor of 2 M Ω , 1/8 W could be used together with a
VCC capacitor to provide a fast startup and low power
dissipation solution.
Operating
Operating
Operating
Operating Current
Current
Current
Current
The operating current of 2273 is low at 1.8mA. Excellent
efficiency is achieved with low operating current together
and extended burst mode control circuit.
Soft
Soft
Soft
Soft Start
Start
Start
Start
2273 features an internal 4ms soft start to soften the
electrical stress occurring in the power supply during
startup. It is activated during the power on sequence. As
soon as VCC reaches UVLO ( OFF ), the CS peak
voltage is gradually increaced from 0.15V to the
maximum level. Every restart up is followed by a soft
start.
Extended
Extended
Extended
Extended Burst
Burst
Burst
Burst Mode
Mode
Mode
Mode Operation
Operation
Operation
Operation
At zero load or light load, most of the power dissipation
of the switching power supply comes from the MOSFET
switching loss, the core loss of the transformer and the
loss on the snubber circuit. The magnitude of power loss
is in proportion to the number of switching events within
a period of time. Therefore reducing the switch event
leads to reduction on the power loss and thus saving the
energy.
For the burst mode control circuit, 2273 self adjusts the
switching mode according to the loading condition. At the
condition of no load or light/medium load, the FB input
voltage drops below burst mode threshold level. Device
enters Burst Mode control on the basis of the judgment.
The gate drive output switches only when VCC voltage
drops below a preset level and FB input is active.
Otherwise the gate drive remains at off to minimize the
switching loss and power consumption to the greatest
extend. The frequency control also eliminates the audio
noise at any loading conditions.
Oscillator
Oscillator
Oscillator
Oscillator Operation
Operation
Operation
Operation
The switching frequency is internally fixed at 65kHz. No
external frequency setting components are required for
PCB design simplification.
Current
Current
Current
Current Sensing
Sensing
Sensing
Sensing and
and
and
and Leading
Leading
Leading
Leading Edge
Edge
Edge
Edge Blanking
Blanking
Blanking
Blanking
Cycle-by-Cycle current limiting is offered in 2273. The
switch current is detected by a sense resistor into the
sense pin. An internal leading edge blanking circuit
chops off the sense voltage spike at initial MOSFET on
state due to snubber diode reverse recovery so that the
external RC filtering on sense input is no longer required.
The current limit comparator is disabled and thus cannot
turn off the internal MOSFET during the blanking period.
PWM duty cycle is determined by the current sense input
voltage and the FB input voltage.
Internal
Internal
Internal
Internal Synchronized
Synchronized
Synchronized
Synchronized Slope
Slope
Slope
Slope Compensation
Compensation
Compensation
Compensation
Built-in slope compensation circuit adds slope voltage
onto the current sense input voltage for PWM generation.
This greatly enhances the close loop stability at CCM
and prevents possible subharmonic oscillation and thus
reduces the output ripple voltage.
Gate
Gate
Gate
Gate Drive
Drive
Drive
Drive
The gate drive strength which is too weak leads to over
switch loss of MOSFET while too strong gate drive
output compromises in the over EMI. A good tradeoff
between output strength and dead time control is
achieved through the design of the built-in totem pole
gate. The low standby dissipation and good EMI system



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com