Electronic Components Datasheet Search
  English  ▼

X  

WFD2N60 Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFD2N60
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD2N60 Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD2N60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
W
W
W
WFD
FD
FD
FD2
2
2
2N
N
N
N6
6
6
60
0
0
0
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
T
T
T
TO
O
O
O25
25
25
252
2
2
2 Pa
Pa
Pa
Pac
c
c
ck
k
k
ka
a
a
age
ge
ge
ge Dim
Dim
Dim
Dime
e
e
en
n
n
ns
s
s
sion
ion
ion
ion
Unit:mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com