Electronic Components Datasheet Search
  English  ▼

X  

M538 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # M538
Description  Surface Mounting Instructions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M538 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  M538 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Surface Mounting Instructions
Rev. V6
Application Note
M538
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Thermal resistance will be a function of the
following:
Thermal conductivity of the substrate or board
material
Footprint size available for heat spreading
Circuit board copper foil weight (2 oz minimum
recommended for power applications)
Via hole quantity and location
Substrate or board thickness
Proximity of additional thermal loads on board
Velocity of air flow (forced air cooling)
Thorough testing of the prototype is the only way to
prove the adequacy of a thermal design.
General Thermal Considerations
A typical solder for a tin-lead soldering process is
Sn63 (63%Sn, 37%Pb), which clearly is the industry
standard for a number of reasons.
Sn63 is a
eutectic compound with a melting point (+183°C)
high enough to exceed the standard operating
temperature limit of most components (+150°C) and
low enough so that internal component materials are
not damaged during proper solder refold. The one
draw back of Sn63 solder when used in combination
with gold plated components is a phenomenon
called “scavenging.” This occurs when gold plating
migrates into the solder joint during reflow, which
may cause embrittlement of the solder joint.
Pretinning the package leads with Sn63 solder paste
with RMA flux reduces the gold concentration and
produces a stronger joint.
A typical solder for a lead-free soldering process is
Tin-Silver-Copper.
95.5Sn-3.8Ag-0.7Cu is one
typical solder alloy composition that can used for a
lead free soldering process.
Solder Selection
General Soldering Precautions
The melting temperature of solder generally
exceeds the recommended maximum operating
temperature of the device. When the entire device
is heated to a high temperature, failure to complete
soldering within a short time could result in device
failure. Therefore, always observe the following
instructions to minimize the thermal stress to the
devices.
Always preheat the device (failure to do so can
cause excessive thermal shock and stress that
can result in damage to the device).
Limit the temperature in the reflow stage to
peak temperature indicated in Tables 1 thru 3.
After completing the soldering process, allow
the devices to cool naturally for at least 3
minutes. Gradual cooling should be used, as
the use of forced cooling will increase the
temperature gradient and may result in latent
failure due to mechanical stress.
Avoid any mechanical stress or shock to the
solder joints and devices during cooling.
A solder stencil is required to apply the optimal
amount of solder paste onto the pads of the
footprint.
The amount and thickness will directly
affect the quality of the joint and are critical to
ensure proper solder connection between the base
of the package and the board. A .004 to .007 inch
thick stainless steel stencil is recommended for most
applications. The stencil opening should be the
Solder Screen Guidelines
Reflow Profile
The most common solder reflow method is
accomplished in a belt furnace using convection
heat transfer. Tables 1 thru 3 along with Figure 1
show a typical convection reflow profile of
temperature versus time. The profile reflects the
three distinct heating stages, or zones (preheat,
reflow, and cooling) recommended in automated
reflow processes to ensure reliable, finished solder
joints.
The profile will vary among soldering
systems and is intended as an example to use as a
starting point.
Other factors that can affect the
profile include the density and types of components
on the board, type of solder used and type of board
or substrate material being used.
Thermocouples should be securely attached to the
top surface of a representative component to
insure the temperature exposure is met. Profile
should be recorded by data acquisition for future
reference.
same size as the footprint PCB pads (1:1
registration), excluding SMOBC areas. However, if
fine pitch components on the same board require a
thinner stencil, aperture modification may be
necessary.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com