Electronic Components Datasheet Search
  English  ▼

X  

M538 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M538
Description  Surface Mounting Instructions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M538 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M538 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M538 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Surface Mounting Instructions
Rev. V6
Application Note
M538
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Surface mount board layout is a critical portion of the total design. The footprint must be the correct size to
ensure proper solder connection interface between the board and the package. With the correct pad geometry,
the package will self-align when subjected to a solder reflow process and will also allow for just enough excess
surface area for adequate solder filleting. The following recommended footprints are suggested guidelines only
and may require ground plane modifications for electrical and/or thermal considerations. When an increase in
ground plane size is necessary, solder mask over bare copper (SMOBC) should be utilized to contain solder and
eliminate alignment problems during solder reflow. Electrical and/or thermal considerations may also require the
board to contain plated vias located under the surface mount package.
When this is necessary, the
recommended via diameter is 0.3mm with a pitch of 1.0mm. To prevent solder wicking inside the via during
reflow, solder mask pads are recommended over all vias located under the package. The solder mask diameter
should be 100 microns larger than the via diameter. Blind or filled vias also work well as an alternative to solder
mask to further enhance thermal conduction.
Footprint Guidelines
Package Style Footprints


Similar Part No. - M538

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M53 MACOM-M53 Datasheet
474Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M53 MA-COM-M53 Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
Apex Electronics Co., L...
M53 APEX-ELECTRONICS-M53 Datasheet
1Mb / 12P
Rocker Switch, multiple contact arrangement
M53 APEX-ELECTRONICS-M53 Datasheet
660Kb / 5P
Slide Switch, high power rating, multiple contact arrangement
logo
Bi technologies
M53-001R1HLF BITECH-M53-001R1HLF Datasheet
1Mb / 4P
High Power Low Cost Inductors
More results

Similar Description - M538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
Mounting instructions for STMicroelectronics
21-Jul-2014
TN1037 STMICROELECTRONICS-TN1037 Datasheet
1Mb / 24P
nano mounting instructions and heatsink
01-Aug-2013
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
Simple installation (mounting hardware and instructions included
logo
CUI INC
FSC-S15-DIN CUI-FSC-S15-DIN Datasheet
122Kb / 2P
DIN RAIL MOUNTING BRACKET ASSEMBLY INSTRUCTIONS
9/15/2008
logo
UN Semiconducctor INC
UNSDC12V-2L UNSEMI-UNSDC12V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC12V-3L UNSEMI-UNSDC12V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC24V-2L UNSEMI-UNSDC24V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC24V-3L UNSEMI-UNSDC24V-3L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
UNSDC58V-2L UNSEMI-UNSDC58V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com