Electronic Components Datasheet Search
  English  ▼

X  

M542 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M542
Description  Electrical Characterization of Packages for Use with GaAs MMIC Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M542 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M542 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical Characterization of Packages for Use with GaAs
MMIC Amplifiers
Rev. V4
Application Note
M542
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Abstract
A test methodology will be presented which combines
the advantage of on-wafer RF probing with a TRL
calibration to create a completely de-embeddable,
novel “test fixture” capable of electrically characteriz-
ing most any style package or device. This scheme
has been used to characterize many of the currently
available microwave packages in order to identify ap-
propriate packages for our MMIC amplifier products
which cover frequencies up to 12 GHz. In addition,
the technique has been employed to characterize in-
jection-molded plastic packages and to evaluate non-
probeable MMIC's.
Introduction
Most package vendors have very little microwave
design and characterization capability.
Their lim-
ited characterization efforts typically involve the use
of poor fixturing, which obscures the true frequency
response of the package. Companies specializing
in fixturing, while investing considerable mechani-
cal engineering effort, expend far less on electrical
considerations, often producing fixtures inadequate
for use at microwave frequencies. Consequently,
there is very little microwave performance data
available from package vendors.
Therefore, to evaluate and identify candidate pack-
ages for each of the amplifiers in our MMIC ampli-
fier product line, specific fixturing had to be devel-
oped for each package style considered. A novel
fixturing approach was designed and implemented,
which not only eliminates the need for expensive,
package specific fixtures, but also overcomes the
frequency limitations of traditional connectorized,
plunger-style fixtures. Additionally, a rigorous cali-
bration method was developed which allows com-
plete fixture de-embedding.
This test methodology is applicable to practically
any style device. Table 1 lists the package styles
investigated. Through this work, proper electrical
characterization of commonly used packages has
indicated useful frequency ranges broader than
expected by even the package manufacturers.
This finding has allowed us to use low-cost pack-
ages for frequency applications where our competi-
tors typically resort to high-priced custom pack-
ages.
Package Description
Manufacturer
5 lead, ceramic
Kyocera
6 lead, ceramic
Kyocera
Leadless, 6 port, ceramic
StratEdge
7 lead, ceramic
Kyocera
8 lead, ceramic
Kyocera
8 lead, glass
Mini-Systems
8 lead, glass, ground straps
Mini-Systems
Leadless, 8 port, ceramic
Oxley
Leadless, 10 port, ceramic
Alcoa
Table 1. Summary of Packages
Design Approach
To eliminate the need for expensive, device spe-
cific, traditional fixtures and overcome their fre-
quency limitations, an RF probeable ceramic sub-
strate was designed as the interface to the device-
under-test (DUT). Figure 1 illustrates this coplanar
probe to microstrip transition. It is a 50 ohm line
fabricated on 10-mil thick alumina, with an 8-mil
pitch, ground-signal-ground (G-S-G) probe pattern
at one end. The two ground pads are connected to
the substrate backside with 8-mil diameter plated
vias. The G-S-G pattern can be probed using com-
mercially available microwave probes on a stan-
dard microwave probe station. The opposite end of
the substrate can be bonded to a test port of the
DUT.
To complete the “test fixture,” only a thin brass
block is required to serve as the mounting surface
for the ceramic substrates and the DUT. If neces-
sary, the brass block could be machined to com-
pensate for any difference in height between the
substrate and DUT test port.
To fixture practically
any DUT, all that is needed is a brass plate and the
probeable ceramic substrates. Figure 2 shows the
configuration
used
for
characterizing
our
MAAM71200-H1, a packaged 7-12 GHz GaAs
MMIC low noise amplifier.


Similar Part No. - M542

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M54223G-D08-T UTC-M54223G-D08-T Datasheet
260Kb / 8P
With good input sensitivity current temperature characteristics
M54223G-S08-R UTC-M54223G-S08-R Datasheet
260Kb / 8P
With good input sensitivity current temperature characteristics
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
With good input sensitivity current temperature characteristics
logo
APM Hexseal Corporation...
M5423/01-01 APM-M5423/01-01 Datasheet
2Mb / 21P
Hermetic Environmental Sealing Boots for Switches & Potentiometers
2009
M5423/01-02 APM-M5423/01-02 Datasheet
2Mb / 21P
Hermetic Environmental Sealing Boots for Switches & Potentiometers
2009
More results

Similar Description - M542

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
322505B00000 AAVID-322505B00000 Datasheet
80Kb / 2P
For use with TO-5 packages
2/25/2003
322605B00000 AAVID-322605B00000 Datasheet
75Kb / 2P
For use with TO-5 packages
2/25/2003
323005B00000 AAVID-323005B00000 Datasheet
78Kb / 2P
For use with TO-5 packages
2/25/2003
326005B00000 AAVID-326005B00000 Datasheet
80Kb / 2P
For use with TO-5 packages
2/25/2003
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
530001B02500 AAVID-530001B02500 Datasheet
84Kb / 2P
For use with TO-218 packages
2/25/2003
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
For use with TO-220 packages
2/25/2003
logo
List of Unclassifed Man...
A751020 ETC-A751020 Datasheet
1Mb / 12P
Electrical Characterization of CUBISIC SLP Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com