Electronic Components Datasheet Search
  English  ▼

X  

M542 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M542
Description  Electrical Characterization of Packages for Use with GaAs MMIC Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M542 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M542 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M542 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characterization of Packages for Use with GaAs
MMIC Amplifiers
Rev. V4
Application Note
M542
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
2
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Figure 1. Probeable Ceramic Substrate
Figure 2. Fixtured MAAM71200-H1
To de-embed this “test fixture,” a set of through-
reflect-line (TRL) standards was employed.
A
“zero-length” through, a short, and two delay lines
were fabricated. These standards, shown in Figure
3, are used with the common TRL de-embedding
algorithm.
This allows any measurement made
with the probeable ceramic substrates to be de-
embedded to yield data for only the DUT with con-
necting bonds.
Bond wires can also be de-
embedded by first characterizing and modeling
them using this same “probeable ceramic” tech-
nique. For this work, multiple bond wire and ribbon
lengths were characterized to generate fully scal-
able bond models.
Figure 3. TRL Calibration Standards
To
demonstrate
the
package
characterization
method, the evaluation of a standard Kyocera 8-
lead ceramic flat pack will be examined. Figure 4
shows how one feedthrough structure in the wall of
this package was tested. Package leads were cut
close to the package body, and the ceramic sub-
strates were mounted flush to the package ports.
Two short 3-mil wide gold ribbons bond the sub-
strates to the package.
Similarly, sealed packages with leads internally
terminated with 50 ohm chip resistors were tested
to determine the cross-coupling between opposite
and adjacent leads.
Through-lines within sealed
packages were also measured. With this data, the
true electrical performance of the package was de-
termined and models for the feedtrhough and cou-
pling were developed.
Figure 4. Fixtured Feedthrough
This information allows the identification of an ap-
propriate package for existing MMIC products and
provides an accurate model for incorporating pack-
age effects into future design work.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com