Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 43 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 43 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
C511 / C513
Semiconductor Group
43
Figure 20
AC Testing: Input, Output Waveforms
Figure 21
AC Testing: Float Waveforms
Figure 22
Recommended Oscillator Circuits for Crystal Oscillator
AC Inputs during testing are driven at
V
CC - 0.5 V for a logic ’1’ and 0.45 V for a logic ’0’.
Timing measurements are made at
V
IHmin for a logic ’1’ and VILmax for a logic ’0’.
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage
occurs and begins to float when a 100 mV change from the loaded
V
OH/VOL level occurs.
I
OL/IOH ≥ ± 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com