Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group C511 Datasheet HTML 10Page - Siemens Semiconductor Group C511 Datasheet HTML 11Page - Siemens Semiconductor Group C511 Datasheet HTML 12Page - Siemens Semiconductor Group C511 Datasheet HTML 13Page - Siemens Semiconductor Group C511 Datasheet HTML 14Page - Siemens Semiconductor Group C511 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
C511 / C513
Semiconductor Group
11
ALE
33
27
O
The Address Latch Enable
output is used for latching the low-byte of the address into
external memory during normal operation. It is activated
every six oscillator periodes except during an external
data memory access.
If no external memory is used, the ALE signal generation
can be inhibited, reducing system RFI, by clearing
register bit EALE in the SYSCON register.
EA
35
29
I
External Access Enable
When held at high level, instructions are fetched from the
internal ROM when the PC is less than the size of the
internal ROM :
C511
0A00H
C511A
1000H
C513
2000H
C513A/A-H
3000H
C513A-2R
4000H
When held at low level, the microcontroller fetches all
instructions from external program memory.
P0.0-P0.7
43-36
37-30
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port 0 pins
that have 1s written to them float, and in that state can be
used as high-impendance inputs. Port 0 is also the
multiplexed low-order address and data bus during
accesses to external program or data memory. In this
application it uses strong internal pullup transistors when
issuing 1s. External pullup resistors are required during
program verification.
V
SS
22
16
–
Circuit ground potential
V
CC
44
38
–
Power Supply terminal for all operating modes
N.C.
1, 12,
23, 34
6, 17,
28, 39
–
No connection, do not connect externally
*) I = Input
O = Output
Table 3
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com