Electronic Components Datasheet Search
  English  ▼

X  

R5F10RBCAFP Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 49Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 50Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 51Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 52Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 53Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 54Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 55Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 56Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 53 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.5.2 Serial interface IICA
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Standard
Mode
Fast Mode
Fast Mode
Plus
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
Fast mode plus:
fCLK
≥ 10 MHz
2.7 V
≤ EVDD ≤ 5.5 V
0
1000
kHz
Fast mode:
fCLK
≥ 3.5 MHz
1.8 V
≤ EVDD ≤ 5.5 V
0
400
kHz
SCLA0 clock frequency
fSCL
Normal mode:
fCLK
≥ 1 MHz
1.6 V
≤ EVDD ≤ 5.5 V
0
100
kHz
Setup time of restart condition
Note 1
tSU:STA
4.7
0.6
0.26
μs
Hold time
tHD:STA
4.0
0.6
0.26
μs
Hold time when SCLA0 = “L”
tLOW
4.7
1.3
0.5
μs
Hold time when SCLA0 = “H”
tHIGH
4.0
0.6
0.26
μs
Data setup time (reception)
tSU:DAT
250
100
50
ns
Data hold time (transmission)
Note 2
tHD:DAT
0
3.45
0
0.9
0
μs
Setup time of stop condition
tSU:STO
4.0
0.6
0.26
μs
Bus-free time
tBUF
4.7
1.3
0.5
μs
Notes 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line
pull-up resistor) at that time in each mode are as follows.
Standard mode: Cb = 400 pF, Rb = 2.7 k
Ω
Fast mode:
Cb = 320 pF, Rb = 1.1 k
Ω
Fast mode plus: Cb = 120 pF, Rb = 1.1 k
Ω
IICA serial transfer timing
tLOW
tLOW
tHIGH
tHD:STA
Stop
condition
Start
condition
Restart
condition
Stop
condition
tSU:DAT
tSU:STA
tSU:STO
tHD:STA
tHD:DAT
SCL0
SDA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com