Electronic Components Datasheet Search
  English  ▼

X  

R5F10RBCAFP Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 61Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 62Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 63Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 64Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 65Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 66Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 67Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 68Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 65 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.8 Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics
(TA =
−40 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.47
Note
5.5
V
Note The value depends on the POR detection voltage.
When the voltage drops, the data is retained before a
POR reset is effected, but data is not retained when a POR reset is effected.
VDD
STOP instruction execution
Standby release signal
(interrupt request)
STOP mode
Data retention mode
VDDDR
Operation mode
2.9 Flash Memory Programming Characteristics
(TA =
−40 to +85°C, 1.8 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU/peripheral hardware clock
frequency
fCLK
1.8 V
≤ VDD ≤ 5.5 V
1
24
MHz
Number of code flash rewrites
Retained for 20 years
(Self/serial
programming)
Note
1,000
Retained for 1 years
(Self/serial
programming)
Note
1,000,000
Number of data flash rewrites
Cerwr
1 erase + 1 write after
the erase is regarded
as 1 rewrite.
The retaining years
are until next rewrite
after the rewrite.
Retained for 5 years
(Self/serial
programming)
Note
100,000
Times
Note
When using flash memory programmer and Renesas Electronics self programming library
Remark
When updating data multiple times, use the flash memory as one for updating data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com