Electronic Components Datasheet Search
  English  ▼

X  

R5F10RBCAFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 22Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 24Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 25Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 26Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 27Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 28Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 26 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
P10 to P17, P30 to P32, P40 to P43,
P50 to P54, P70 to P74, P120,
P125 to P127, P140 to P147
Normal input buffer 0.8EVDD
EVDD
V
TTL input buffer
4.0 V
≤ EVDD ≤ 5.5 V
2.2
EVDD
V
TTL input buffer
3.3 V
≤ EVDD < 4.0 V
2.0
EVDD
V
VIH2
P10, P11, P15, P16
TTL input buffer
1.6 V
≤ EVDD < 3.3 V
1.50
EVDD
V
VIH3
P20, P21
0.7VDD
VDD
V
VIH4
P60, P61
0.7EVDD
6.0
V
Input voltage,
high
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8VDD
VDD
V
VIL1
P10 to P17, P30 to P32, P40 to P43,
P50 to P54, P70 to P74, P120,
P125 to P127, P140 to P147
Normal input buffer
0
0.2EVDD
V
TTL input buffer
4.0 V
≤ EVDD ≤ 5.5 V
0
0.8
V
TTL input buffer
3.3 V
≤ EVDD < 4.0 V
0
0.5
V
VIL2
P10, P11, P15, P16
TTL input buffer
1.6 V
≤ EVDD < 3.3 V
0
0.32
V
VIL3
P20, P21
0
0.3VDD
V
VIL4
P60, P61
0
0.3EVDD
V
Input voltage,
low
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2VDD
V
Cautions
The maximum value of VIH of P10, P12, P15, P17 is VDD, even in the N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com