Electronic Components Datasheet Search
  English  ▼

X  

CFY77 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CFY77
Description  AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY77 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CFY77 Datasheet HTML 1Page - Siemens Semiconductor Group CFY77 Datasheet HTML 2Page - Siemens Semiconductor Group CFY77 Datasheet HTML 3Page - Siemens Semiconductor Group CFY77 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AlGaAs / InGaAs HEMT
CFY 77
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/4
11.01.1996
HL EH PD 21
Electrical characteristics at
TA = 25°C
unless otherwise specified
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 2 V
VGS = 0 V
IDSS
15
30
60
mA
Pinch-off voltage
VDS = 2 V
ID = 1 mA
VGS(P)
-2
-0.7
-0.2
V
Gate leakage current
VDS = 2 V
ID = 15 mA
IG
-
0.05
2
µA
Transconductance
VDS = 2 V
ID = 15 mA
gm
50
65
-
mS
Noise figure
VDS = 2 V
ID = 15 mA
f = 12 GHz
CFY77-08
CFY77-10
F
-
-
0.7
0.9
0.8
1
dB
Associated gain
VDS = 2 V
ID = 15 mA
f = 12 GHz
CFY77-08
CFY77-10
Ga
10
9.5
10.5
10
-
-
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com