Electronic Components Datasheet Search
  English  ▼

X  

CFY77 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CFY77
Description  AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY77 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CFY77 Datasheet HTML 1Page - Siemens Semiconductor Group CFY77 Datasheet HTML 2Page - Siemens Semiconductor Group CFY77 Datasheet HTML 3Page - Siemens Semiconductor Group CFY77 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AlGaAs / InGaAs HEMT
CFY 77
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/4
11.01.1996
HL EH PD 21
Total Power Dissipation Ptot = f (T
S;TA)
Package mounted on alumina
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
AS
tot
P
TT
;
[ °C ]
[ mW ]
A
T
S
T
Typical Common Source Noise Parameters
ID = 15 mA
UDS = 2.0 V
Z0 = 50 Ω
fFmin
Ga
Γ
opt
Rn
rn
NF50Ω
GHz
dB
dB
MAG
ANG
Ω
dB
2
0.36
19.4
0.79
27
13.7
0.274
0.03
1.2
4
0.44
15.9
0.72
60
10.1
0.202
0.04
1.1
6
0.51
13.9
0.63
92
5.85
0.117
0.05
1.05
8
0.58
12.4
0.56
134
2.35
0.047
0.06
1.0
10
0.65
11.2
0.52
180
1.1
0.022
0.07
1.0
12
0.72
10.4
0.54
-135
2.9
0.058
0.08
1.1
14
0.80
9.7
0.59
-108
7.15
0.143
0.10
1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com