Electronic Components Datasheet Search
  English  ▼

X  

CGY21 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CGY21
Description  GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY21 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CGY21 Datasheet HTML 1Page - Siemens Semiconductor Group CGY21 Datasheet HTML 2Page - Siemens Semiconductor Group CGY21 Datasheet HTML 3Page - Siemens Semiconductor Group CGY21 Datasheet HTML 4Page - Siemens Semiconductor Group CGY21 Datasheet HTML 5Page - Siemens Semiconductor Group CGY21 Datasheet HTML 6Page - Siemens Semiconductor Group CGY21 Datasheet HTML 7Page - Siemens Semiconductor Group CGY21 Datasheet HTML 8Page - Siemens Semiconductor Group CGY21 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
CGY 21
GaAs MMIC
CGY 21
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Ordering Code
Package1)
Circuit Diagram (Pin Configuration)
CGY 21 Q68000-A5953
TO-12
1 RF output,
VS
2 Interstage,
VS
3 RF input
4 RF and DC
ground, case
1)
For detailed information see chapter Package Outlines.
q
Two-stage monolithic microwave IC (MMIC amplifier)
q
All gold metallization
q
Chip fully passivated
q
Operating voltage range: 3 to 6 V
q
50
Ω input/output; RLIN RLOUT > 10 dB
q
Gain: 21 dB at 500 MHz
q
Low noise figure: 3.9 dB at 500 MHz
q
Bandwidth: 2 GHz
q
Hermetically sealed package


Similar Part No. - CGY21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2105 PHILIPS-CGY2105 Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
More results

Similar Description - CGY21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY40 SIEMENS-CGY40 Datasheet
30Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
Rev. Mar.2006
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
GaAs MMIC Amplifier
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com