Electronic Components Datasheet Search
  English  ▼

X  

CGY21 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CGY21
Description  GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY21 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CGY21 Datasheet HTML 1Page - Siemens Semiconductor Group CGY21 Datasheet HTML 2Page - Siemens Semiconductor Group CGY21 Datasheet HTML 3Page - Siemens Semiconductor Group CGY21 Datasheet HTML 4Page - Siemens Semiconductor Group CGY21 Datasheet HTML 5Page - Siemens Semiconductor Group CGY21 Datasheet HTML 6Page - Siemens Semiconductor Group CGY21 Datasheet HTML 7Page - Siemens Semiconductor Group CGY21 Datasheet HTML 8Page - Siemens Semiconductor Group CGY21 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
CGY 21
Electrical Characteristics
at TA = 25 ˚C, VS = 4.5 V, RS = RL = 50
Ω, unless otherwise specified,
(for application circuit see next page).
Unit
Values
Parameter
Symbol
min.
typ.
max.
mA
Operating current
Iop
–
160
200
Noise figure
f = 100 MHz to 900 MHz
F
–
3.9
5.5
dB
Power gain
f = 100 MHz to 900 MHz
G
19
21
–
Gain flatness
f = 100 MHz to 900 MHz
∆G
–
1.5
2
1 dB gain compression
f = 100 MHz to 900 MHz
P1dB
–19
–
dBm
Third order intercept point
two-tone intermodulation test
f1= 806 MHz, f2= 810 MHz,
Po = 10 dBm (both carriers)
IP3
31
32.5
–
Input return loss
f = 100 MHz to 900 MHz
RLIN
–
12
9.5
Output return loss
f = 100 MHz to 900 MHz
RLOUT
–
12
9.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com