Electronic Components Datasheet Search
  English  ▼

X  

CGY21 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CGY21
Description  GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY21 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CGY21 Datasheet HTML 1Page - Siemens Semiconductor Group CGY21 Datasheet HTML 2Page - Siemens Semiconductor Group CGY21 Datasheet HTML 3Page - Siemens Semiconductor Group CGY21 Datasheet HTML 4Page - Siemens Semiconductor Group CGY21 Datasheet HTML 5Page - Siemens Semiconductor Group CGY21 Datasheet HTML 6Page - Siemens Semiconductor Group CGY21 Datasheet HTML 7Page - Siemens Semiconductor Group CGY21 Datasheet HTML 8Page - Siemens Semiconductor Group CGY21 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
CGY 21
Maximum Ratings
Parameter
Symbol
Values
Unit
Supply voltage, TC
≤ 80 ˚C
VS
6V
Channel temperature
Tch
150
˚C
Total power dissipation, TC
≤ 50 ˚C
Ptot
2W
Storage temperature range
Tstg
– 55 … + 150
Thermal Resistance
Channel - case
RthchC
50
K/W
Note: Exceeding any of the maximum ratings may cause permanent damage to the device.
Appropriate handling procedures are required to protect the electrostatic sensitive IC
against degradation due to excess voltage or excess current spikes. Excellent ground
connection of lead 4 and the package (e. g. soldered on microstripline laminate) is
required to achieve guaranteed RF performance and stable operation conditions and
provides adequate heat sink. Low parasitic capacitance of the bias network to port 2
gives optimum gain and flatness. Input and output connections must be DC isolated by
coupling capacitors.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com