Electronic Components Datasheet Search
  English  ▼

X  

CLY2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CLY2
Description  GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CLY2 Datasheet HTML 1Page - Siemens Semiconductor Group CLY2 Datasheet HTML 2Page - Siemens Semiconductor Group CLY2 Datasheet HTML 3Page - Siemens Semiconductor Group CLY2 Datasheet HTML 4Page - Siemens Semiconductor Group CLY2 Datasheet HTML 5Page - Siemens Semiconductor Group CLY2 Datasheet HTML 6Page - Siemens Semiconductor Group CLY2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaAs FET
CLY 2
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/77
17.12.96
HL EH PD 21
typ. Common Source S-Parameters
VDS = 5 V
ID = 180 mA
Zo = 50 Ω
Ω
f GHZ
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.99
-12.3
9.30
171.3
0.007
83.1
0.27
-10.8
0.150
0.99
-18.4
9.23
166.9
0.010
80.0
0.27
-15.8
0.200
0.98
-24.3
9.13
162.8
0.014
77.2
0.26
-20.4
0.250
0.97
-30.3
9.00
158.5
0.017
73.6
0.26
-25.7
0.300
0.96
-36.1
8.85
154.6
0.020
71.1
0.26
-30.5
0.400
0.94
-47.2
8.48
146.7
0.026
65.8
0.26
-39.2
0.500
0.91
-57.8
8.08
139.4
0.030
61.0
0.25
-47.7
0.600
0.89
-67.8
7.64
132.6
0.034
56.3
0.25
-55.4
0.700
0.86
-77.1
7.23
126.3
0.038
52.8
0.25
-62.2
0.800
0.84
-85.9
6.81
120.6
0.041
49.5
0.24
-68.6
0.900
0.81
-93.9
6.43
115.3
0.043
46.4
0.24
-74.1
1.000
0.80
-101.5
6.07
110.4
0.045
44.2
0.24
-79.2
1.200
0.76
-115.4
5.40
101.4
0.048
40.1
0.24
-88.8
1.400
0.74
-127.6
4.87
93.6
0.051
36.9
0.24
-96.8
1.500
0.73
-133.2
4.65
89.8
0.052
35.6
0.24
-100.2
1.600
0.72
-138.8
4.42
86.1
0.052
34.6
0.24
-103.9
1.800
0.72
-149.0
4.04
79.2
0.054
32.7
0.25
-110.4
2.000
0.71
-158.6
3.71
72.3
0.054
30.9
0.26
-116.2
2.200
0.71
-166.6
3.41
66.1
0.055
30.9
0.27
-120.4
2.400
0.71
-174.5
3.13
60.1
0.056
29.9
0.28
-125.6
2.500
0.71
-178.5
3.00
57.1
0.056
29.4
0.29
-129.1
3.000
0.73
164.9
2.47
43.9
0.057
30.8
0.32
-140.6
3.500
0.75
151.1
2.07
32.5
0.059
34.3
0.35
-150.6
4.000
0.77
139.4
1.80
22.1
0.067
36.7
0.40
-158.2
4.500
0.78
126.9
1.56
10.5
0.074
34.7
0.43
-167.6
5.000
0.79
116.1
1.37
-0.6
0.082
30.2
0.47
-174
5.500
0.81
105.6
1.18
-11.6
0.083
26.7
0.51
178
6.000
0.84
96.3
1.00
-20.8
0.086
22.9
0.54
169.6
Additional S-Parameter available on CD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com