Electronic Components Datasheet Search
  English  ▼

X  

CLY2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CLY2
Description  GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CLY2 Datasheet HTML 1Page - Siemens Semiconductor Group CLY2 Datasheet HTML 2Page - Siemens Semiconductor Group CLY2 Datasheet HTML 3Page - Siemens Semiconductor Group CLY2 Datasheet HTML 4Page - Siemens Semiconductor Group CLY2 Datasheet HTML 5Page - Siemens Semiconductor Group CLY2 Datasheet HTML 6Page - Siemens Semiconductor Group CLY2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs FET
CLY 2
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 1/77
17.12.96
HL EH PD 21
D a t a s h e e t
* Power amplifier for mobile phones
* For frequencies up to 3 GHz
* Operating voltage range: 2 to 6 V
* P
OUT at VD=3V, f=1.8GHz typ. 23.5 dBm
* High efficiency better 55 %
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
6
5
4
3
2
1
Type
Marking
Ordering code
(taped)
Pin Configuration
.
1
2
3
4
5
6
Package 1)
CLY 2
Y2
Q62702-L96
G
S
D
D
S
G
MW 6
Maximum ratings
Symbol
Unit
Drain-source voltage
VDS
9V
Drain-gate voltage
VDG
12
V
Gate-source voltage
VGS
-6
V
Drain current
ID
600
mA
Channel temperature
TCh
150
°C
Storage temperature
Tstg
-55...+150
°C
Total power dissipation (TS < 50°C) 2)
Ptot
900
mW
Thermal Resistance
Channel-soldering point 2)
RthChS
≤110
K/W
1) Dimensions see chapter Package Outlines
2) TS is measured on the source lead at the soldering point to the pcb.


Similar Part No. - CLY2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-00 INFINEON-CLY29-00 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-05 INFINEON-CLY29-05 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-10 INFINEON-CLY29-10 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
logo
TriQuint Semiconductor
CLY2 TRIQUINT-CLY2_15 Datasheet
109Kb / 8P
High-Power Packaged GaAs FET
More results

Similar Description - CLY2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com