Electronic Components Datasheet Search
  English  ▼

X  

CLY2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CLY2
Description  GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CLY2 Datasheet HTML 1Page - Siemens Semiconductor Group CLY2 Datasheet HTML 2Page - Siemens Semiconductor Group CLY2 Datasheet HTML 3Page - Siemens Semiconductor Group CLY2 Datasheet HTML 4Page - Siemens Semiconductor Group CLY2 Datasheet HTML 5Page - Siemens Semiconductor Group CLY2 Datasheet HTML 6Page - Siemens Semiconductor Group CLY2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs FET
CLY 2
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/77
17.12.96
HL EH PD 21
typ. Common Source S-Parameters
VDS = 3 V
ID = 180 mA
Zo = 50 Ω
Ω
f GHZ
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.99
-12.0
9.17
171.6
0.007
83.3
0.15
-16.6
0.150
0.99
-17.9
9.11
167.4
0.011
80.8
0.16
-24.2
0.200
0.98
-23.7
9.01
163.4
0.014
77.6
0.16
-31.2
0.250
0.97
-29.5
8.89
159.3
0.017
74.7
0.16
-39.0
0.300
0.96
-35.1
8.75
155.4
0.021
72.4
0.16
-45.9
0.400
0.94
-46.0
8.40
147.8
0.026
67.0
0.17
-58.2
0.500
0.92
-56.4
8.03
140.7
0.031
62.5
0.18
-69.2
0.600
0.89
-66.2
7.61
134.1
0.036
58.0
0.18
-79.0
0.700
0.86
-75.4
7.22
128.0
0.039
54.4
0.19
-87.0
0.800
0.84
-84.1
6.82
122.3
0.043
51.2
0.20
-94.2
0.900
0.82
-92.1
6.45
117.2
0.045
48.3
0.20
-100.4
1.000
0.80
-99.7
6.10
112.3
0.048
46.1
0.21
-105.3
1.200
0.77
-113.6
5.45
103.6
0.052
41.8
0.22
-115.1
1.400
0.74
-125.9
4.92
95.8
0.055
38.6
0.23
-122.9
1.500
0.73
-131.5
4.71
92.1
0.056
37.2
0.23
-125.7
1.600
0.72
-137.1
4.48
88.5
0.057
36.2
0.24
-129.4
1.800
0.72
-147.4
4.10
81.7
0.059
34.0
0.25
-135.0
2.000
0.71
-157.2
3.77
75.0
0.060
31.9
0.26
-139.7
2.200
0.71
-165.3
3.47
68.8
0.062
31.2
0.27
-143.0
2.400
0.71
-173.3
3.19
63.0
0.063
29.7
0.29
-147.2
2.500
0.71
-177.4
3.06
60.1
0.063
28.9
0.29
-150.0
3.000
0.72
165.7
2.52
47.2
0.065
28.4
0.32
-159.7
3.500
0.74
151.7
2.12
36.4
0.066
29.7
0.36
-167.5
4.000
0.76
139.9
1.85
26.5
0.073
30.6
0.39
-173.1
4.500
0.78
127.4
1.61
15.3
0.078
28.2
0.42
179.2
5.000
0.79
116.7
1.43
4.6
0.085
24.0
0.45
174.3
5.500
0.80
106.3
1.23
-5.9
0.085
20.9
0.49
167.8
6.000
0.83
97.1
1.06
-14.8
0.087
17.7
0.52
160.9
Additional S-Parameter available on CD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com