Electronic Components Datasheet Search
  English  ▼

X  

5010 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # 5010
Description  TXRX_982_R1 Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

5010 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button 5010 Datasheet HTML 2Page - Micrel Semiconductor 5010 Datasheet HTML 3Page - Micrel Semiconductor 5010 Datasheet HTML 4Page - Micrel Semiconductor 5010 Datasheet HTML 5Page - Micrel Semiconductor 5010 Datasheet HTML 6Page - Micrel Semiconductor 5010 Datasheet HTML 7Page - Micrel Semiconductor 5010 Datasheet HTML 8Page - Micrel Semiconductor 5010 Datasheet HTML 9Page - Micrel Semiconductor 5010 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel
TXRX_982_R1 Evaluation Board
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
6
25 Ohm TL
from sheet 2
50 Ohm TL
50 Ohm TL
C9
C36
C24
R15
V
CC_T
L3
L2
L6
L1
R8
J8
R18
10K
R45
3.3
Ω
J3
J2
U4
SY88982
V
CC_T
R14
V
CC_T
J1
R12
1.5K
R53
0
Ω
R52
1.5K
C42
0.1
µF
C41
0.1
µF
R7
270
R20
270
R29
10K
R25
10K
R49
10K
R11
0
Ω
R32
0
Ω
R39
0
Ω
R36
0
Ω
C35
0.1
µF
C27
0.1
µF
C13
0.1
µF
C12
0.1
µF
C37
0.1
µF
C32
0.1
µF
C38
0.1
µF
C33
0.1
µF
C26
0.1
µF
C19
0.018
µF
C28
1
µF
R21
10K
R34
10K
R33
10K
R28
10K
R16
TBD
R4
TBD
R27
TBD
R17
47K
V
CC_T
Q3
Q2
U2
MIC3000-1
V
CC_T
V
CC_T
JP4
HEADER 4
VRX
U1
MIC74
V
CC_T
V
CC_T
V
CC_T
V
CC_T
V
CC_T
V
CC_T
+5V
V
CC_T
V
CC_T
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
/ALERT
DATA
GND
VDD
CLK
A0
A1
A2
P0
P1
P2
P3
P7
P6
P5
P4
1
2
3
4
13
14
15
16
17
18
12
19 20
11
21
10
22 23 24
98
7
6
5
4
3
2
1
VILD-
VILD+
GNDD
VDDD
RSIN
VDDA
GNDA
VMPD
CLK
VIN
NC
FB
V
CC_T
V
CC_T
Q4
14
2
15
3
16
4
17
5
18
6
19
7
20
8
21
9
22
10
23
11
24
12
25
13
1
R19
10K
12
11
10
1
2
3
4
9
/DIN
/OUT
/OUT
GND
DIN
GND
OUT
OUT
R6
TBD
R13
TBD
L7
L8
C10
0.1
µF
R22
10K
1
2
3
4
R24
R26
R31
Figure 2. Transmitter
from Sheet 1
to sheet 1
50 Ohm TL
50 Ohm TL
50 Ohm TL
50 Ohm TL
C3
C2
J5
J4
J6
R5
0
Ω
R3
TBD
R2
TBD
R48
1.5K
C8
0.1
µF
R47
10K
R42
160K
L4
L5
C7
0.1
µF
R23
10K
C6
0.1
µF
C5
0.1
µF
R30
270
R10
270
R9
270
R38
270
R37
270
R51
270
R50
270
C4
0.1
µF
C23
0.1
µF
C22
0.1
µF
C21
0.1
µF
C20
0.1
µF
C25
0.1
µF
C18
0.1
µF
C17
0.1
µF
C16
0.1
µF
C15
0.1
µF
C14
0.1
µF
C34
1
µF
C31
10
µF
C30
10
µF
C29
10
µF
R1
TBD
Q6
NPN
Q1
V
CC_R
SHDN
RSOUT
RSIN
RXLOS
TXDISABLE
TXFAULT
U5
INA138
U3
SY88973
Q5
MIC94052
D7
D5
D3
D6
D4
D9
D8
V
CC_R
U6
74LCX04
TP9
TP8
TP7
VRX
+5V
+3.3
V
CC_R
V
CC_R
V
CC_R
V
CC_R
V
CC_R
V
CC_T
TP5
TP6
V
CC_R
V
CC_T
V
CC_T
V
CC_T
V
CC_T
V
CC_T
V
CC_T
V
CC_T
GND
VCC
/O0
/O1
/O2
/O5
/O4
/O3
A0
A1
A2
A5
A4
A3
11
13
14
10
12
7
1
3
5
9
2
4
6
8
V
CC_R
V
CC_R
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
/DOUT
/DIN
DOUT
GND
GND
DIN
GND
GND
VIN+
VIN-
GND
OUT
V+
1
2
3
5
4
1
2
3
4
5
C1
Figure 3. Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com