Electronic Components Datasheet Search
  English  ▼

X  

5010 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # 5010
Description  TXRX_982_R1 Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

5010 Datasheet(HTML) 4 Page - Micrel Semiconductor

  5010 Datasheet HTML 1Page - Micrel Semiconductor 5010 Datasheet HTML 2Page - Micrel Semiconductor 5010 Datasheet HTML 3Page - Micrel Semiconductor 5010 Datasheet HTML 4Page - Micrel Semiconductor 5010 Datasheet HTML 5Page - Micrel Semiconductor 5010 Datasheet HTML 6Page - Micrel Semiconductor 5010 Datasheet HTML 7Page - Micrel Semiconductor 5010 Datasheet HTML 8Page - Micrel Semiconductor 5010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel
TXRX_982_R1 Evaluation Board
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
4
18. On Panels list, select Temperature
Compensation. Load look-up tables for APC,
Modulation, Bias current Fault, and End-of-
Life from appropriate files. If no loading is
done, the default value 0 is used for all the
LUT. Return to the main window.
19. On Panels list, select OEM settings. Enter
the desired DAC values between 0 and 255
for the displayed parameters then select SET
NEW. Select GET CURRENT to make sure
that the set values are written into the
registers. Checking them can mask the faults.
Return to the main window.
20. On Panels list, select User. Check APC0 in
the USER CONTROL REGISTER (default
setting). All the other parameters can be
checked later to verify their functionality.
Return to the main window.
21. On Panels list, select Result. The values of
the five monitored parameters as per SFF-
8472 are now displayed. Type the alarm and
warning thresholds and select SET NEW
LIMITS. Select GET CURRENT LIMITS to
check that the set values are written into the
registers. Return to main window.
22. Set modulation current and bias current to get
the desired output power and extinction ratio
out of the laser. Use OEM Settings panel or
TX Setup panel to do that:
a. In OEM settings window, set the bias
by entering a value from 10 to 255 in
APC
SET
POINT
0
box
and
modulation by entering a value from
10 to 255 in MOD DAC setting box
followed by SET new.
b. In TX calibration window, set the bias
by entering a value from 10 to 255 in
APCO (DEC) box and modulation by
entering a value from 10 to 255 in
MOD DAC setting box followed by
SET new.
After setting the new value for bias or modulation
current, toggle TXDISABLE/TXENABLE on the main
window.
23. At this step, there is no received power since
no signal is applied at the input of the receiver.
24. Adjust the VOA to bring the optical power to
the desired level at the input of the receiver.
Then connect the output of the VOA to the
input of the receiver using appropriate fiber
jumper.
25. If the installed receiver has RSSI signal, a
value (needs calibration) of the received
power should be displayed now.
26. On Panels list, select TX Setup to calibrate
the TX power. Measure the optical power at
the output of the VCSEL and enter the value
(in mW) in the MEASURED TX POWER box,
then select CALIBRATE. The monitored value
is adjusted to display the measured value by
automatically changing the slope set in the
EXTERNAL CALIBRATION window.
Reconnect the VOA to the VCSEL and return
to the main window.
27. On Panels select RX Calibration. Measure
the input power to receiver at the output of the
VOA and enter the measured value (in mW) in
the MEASURED RX POWER box then select
CALIBRATE. The monitored value is adjusted
to display the measured value by
automatically changing the slope set in the
EXTERNAL CALIBRATION window.
Reconnect the VOA to the receiver and return
to the main window.
28. At this stage, the masked faults should be
unmasked and if there is a fault indication try
to find the cause for it and fix it to get the
transceiver running fault free and try to
measure the performance of the laser driver
and post amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com