| Electronic Components Datasheet Search |
|
5010 Datasheet(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
5010 Datasheet(HTML) 2 Page - Micrel Semiconductor |
|
2 / 10 page ![]() Micrel TXRX_982_R1 Evaluation Board September 2004 M9999-092304 hbwhelp@micrel.com or (408) 955-1690 2 Evaluation Board Setting Driver Laser Coupling Table 1 summarizes the setting of the board for the two configurations, driver DC-coupled or AC-coupled to the laser. Configuration Remove Install Driver and Laser DC-Coupled L2, L3, L7, L8, R14, R6, R13, C24, C36 Install a 0 at C24 and C38. Driver and Laser AC-Coupled L2, L3, L7, L8, R14, R6, R13, C24, C36 Table 1. Configuration Settings Receiver Sensitivity and Hysteresis Setting SY88973 Limiting Amplifier The SY88973 limiting amplifier is the default post amplifier installed on the board. It has a receive signal LOS indicator. To improve the hysteresis on the receive signal LOS, install R2 and uninstall R3. The combination of R2 and R1 will determine the sensitivity of the transceiver and hysteresis on the receive signal LOS. Refer to the application note entitled "Notes on Sensitivity and hysteresis in Micrel's Post Amplifiers" available at http://www.micrel.com/product-info/app_hints+notes.shtml. SY88843 Limiting Amplifier The SY88843 limiting amplifier has a signal detect (SD) indicator. To improve the hysteresis on the receive signal LOS, remove R2 and install R3, Q6, and R23. The combination of R3 and R1 will determine the sensitivity of the transceiver and hysteresis on the SD. Refer to the application note entitled "Notes on Sensitivity and hysteresis in Micrel's Post Amplifiers" available at http://www.micrel.com/product-info/app_hints+notes.shtml. TOSA and ROSA Installation Check the pinout of the laser and receiver and install them accordingly to the diagrams shown on Figure 1. Top Pad LD Anode Top Pad LD Cathode Bottom Pad PD Cathode Bottom Pad NC Top Pad DATA- Top Pad DATA+ Top Pad GND Bottom Pad RSSI Bottom Pad VCC Figure 1. Mounting of Laser and Receive |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |