Electronic Components Datasheet Search
  English  ▼

X  

KS8993 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # KS8993
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button KS8993 Datasheet HTML 7Page - Micrel Semiconductor KS8993 Datasheet HTML 8Page - Micrel Semiconductor KS8993 Datasheet HTML 9Page - Micrel Semiconductor KS8993 Datasheet HTML 10Page - Micrel Semiconductor KS8993 Datasheet HTML 11Page - Micrel Semiconductor KS8993 Datasheet HTML 12Page - Micrel Semiconductor KS8993 Datasheet HTML 13Page - Micrel Semiconductor KS8993 Datasheet HTML 14Page - Micrel Semiconductor KS8993 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
April 2009
11
KS8993
KS8993
Micrel
Group
I/O Names
Active Status
Description
LED[1:3][3]
L
Output (after reset).
Mode 0: Link + Activity (toggle = receiving or transmitting, constant low = link,
constant high = no link).
Mode 1: Receive Activity (toggle during receiving / high = no receiving activity).
Mode 2: 100/link/act (constant low = link, toggle = act, constant high = no link).
Mode 3: Mode 3: Link + Activity (toggle = receiving or transmitting, constant low =
link, constant high = no link).
Note: Mode is set by MODESEL[3:0] ; please see description in UP “Unmanaged
Programming” section.
UP
MODESEL[3:0]
H
Mode select at reset time. LED mode is selected by using the table below. MODESEL
also controls the maximum frame length accepted.
MODESEL
3
2
1
0
LED mode
Max Length (no tag/tag)
0
0
0
0
LED mode 0
1518/1522
0
0
0
1
LED mode 1
1518/1522
0
0
1
0
LED mode 2
1518/1522
0
0
1
1
LED mode 3
1518/1522
0
1
0
0
Factory testing
Not applicable
0
1
0
1
Factory testing
Not applicable
0
1
1
0
Factory testing
Not applicable
0
1
1
1
Factory testing
Not applicable
1
0
0
0
Factory testing
Not applicable
1
0
0
1
Factory testing
Not applicable
1
0
1
0
Factory testing
Not applicable
1
0
1
1
LED mode 3
1536/1536
1
1
0
0
LED mode 0
1536/1536
1
1
0
1
Factory testing
Not applicable
1
1
1
0
LED mode 2
1536 / 1536
1
1
1
1
Factory testing
Not applicable
FFLOW1#
L
Enable force flow control feature on port 1.
Pulled up = no force flow control feature on port 1 (default).
Flow control feature is enabled and disabled by auto-negotiation.
Pulled down = enable force flow control feature on port 1 regardless of auto-negotia-
tion result.
FFLOW2#
L
Program force flow control feature on port 2.
Pulled up = no force flow control feature on port 2 (default).
Flow control feature is enabled and disabled by auto-negotiation.
Pulled down = enable force flow control feature on port 2 regardless of auto-negotia-
tion result.
LED[1][3]
Program advertise flow control feature for 10/100BaseTX ports during auto-negotia-
tion at reset time.
Pulled low = no advertise flow control during auto-negotiation.
Pulled high = advertise flow control during auto-negotiation (default).
LED[1][2]
Programs force flow control feature on port 3, incuding MII port at reset time.
Pulled low = no force flow control feature on port 3, including MII port (default).
Flow control feature is enabled/disabled by auto-negotiation result.
Pulled high = enable force flow control feature on port 3, including MII port regardless
of auto-negotiation result.
LED[1][1]
Reserved - use float configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com