Electronic Components Datasheet Search
  English  ▼

X  

KS8993 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KS8993
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993 Datasheet(HTML) 2 Page - Micrel Semiconductor

  KS8993 Datasheet HTML 1Page - Micrel Semiconductor KS8993 Datasheet HTML 2Page - Micrel Semiconductor KS8993 Datasheet HTML 3Page - Micrel Semiconductor KS8993 Datasheet HTML 4Page - Micrel Semiconductor KS8993 Datasheet HTML 5Page - Micrel Semiconductor KS8993 Datasheet HTML 6Page - Micrel Semiconductor KS8993 Datasheet HTML 7Page - Micrel Semiconductor KS8993 Datasheet HTML 8Page - Micrel Semiconductor KS8993 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
KS8993
Micrel
KS8993
2
April 2009
Ordering Information
Part Number
Temperature
Standard
Pb-Free
Range
Package
KS8993
KSZ8993
0
°C to +70°C
128-Pin PQFP
Features
• 3-port 10/100 integrated switch with physical layer
transceivers
• 64k Byte of SRAM on chip for frame buffering
• 1.0Gbps high performance memory bandwidth
• 10BaseT, 100BaseTX and 100BaseFX modes of
operation
• Support for UTP or fiber installations
• Superior analog technology for reduced power and die
size
• Supports port based VLAN
• QoS feature!! Supports 802.1p based priority or port-
based priority
• Indicators for link, activity, full/half-duplex and speed
• Unmanaged operation via strapping at system reset
time
• Hardware based 10/100, full/half, flow control and auto-
negotiation
• Individual port forced modes (full-duplex, 100BaseTX)
when auto-negotiation is disabled
• Wire speed reception and transmission
• On chip integrated address look-up engine, supports 1K
absolute MAC addresses
• Automatic address learning, address aging and address
migration
• Full-duplex IEEE 802.3x flow control (Pause) with force
mode option
• Half-duplex back pressure flow control
• Comprehensive LED support
• External MAC interface (MII or SNI 7-wire ) for router
applications
• 300mA (0.75W) including physical transmit drivers
• Commercial temperature range: 0
°C to +70°C
• Available in 128-pin PQFP with single 2.5V power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com