Electronic Components Datasheet Search
  English  ▼

X  

KS8993 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # KS8993
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button KS8993 Datasheet HTML 9Page - Micrel Semiconductor KS8993 Datasheet HTML 10Page - Micrel Semiconductor KS8993 Datasheet HTML 11Page - Micrel Semiconductor KS8993 Datasheet HTML 12Page - Micrel Semiconductor KS8993 Datasheet HTML 13Page - Micrel Semiconductor KS8993 Datasheet HTML 14Page - Micrel Semiconductor KS8993 Datasheet HTML 15Page - Micrel Semiconductor KS8993 Datasheet HTML 16Page - Micrel Semiconductor KS8993 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
April 2009
13
KS8993
KS8993
Micrel
Group
I/O Names
Active Status
Description
VMDIS
H
VLAN Mismatch Discard control.
Pulled low = Constrict multicast and broadcast packets to VLAN.
Pulled high = Constrict all packets to VLAN (default).
PRSV
H
Reserve priority buffers.
Pulled low = No buffers reserved (default).
Pulled high = Reserve 96 buffers per port for high priority queue.
PBASE[2:0]
H
Priority base value used to compare with priority tag in 802.1p tag. When a packet is
received that has a 802.1p tag and 802.1p processing is enabled (Px_1PEN=H), the
PBASE value is compared to the tag priority field. If the packet tag is greater than or
equal to the PBASE value, the packet is sent to the higher priority transmit queue
while tags less than PBASE are sent to the lower priority queue. (default = 100).
PV12
H
VLAN mask bits. Used to select which ports are seen from any particular port. Use
PV13
the table below to select VLAN operation.
PV21
P1_V defined as (PV13, PV12, 1)
PV23
P2_V defined as (PV23, 1 , PV21)
PV31
P3_V defined as (1 , PV32, PV31)
PV32
P[3:1]_V
Port
2
1
0
VLAN State
1
0
1
1
Ports 1 and 2 in VLAN
1
0
1
Ports 1 and 3 in VLAN
1
1
1
Ports 1, 2 and 3 in VLAN (default)
2
0
1
1
Ports 1 and 2 in VLAN
1
1
0
Ports 2 and 3 in VLAN
1
1
1
Ports 1, 2 and 3 in VLAN (default)
3
1
0
1
Ports 1 and 3 in VLAN
1
1
0
Ports 2 and 3 in VLAN
1
1
1
Ports 1, 2 and 3 in VLAN (default)
Note that a minimum of 2 ports are required for each VLAN. The VLAN configuration
is viewed from the receiver perspective. All states not listed above are invalid.
P[3:1]_1PEN
H
Enables 802.1p prioritizing on a per port basis. The enable is from the receive
perspective. If the 802.1p processing is disabled or there is no tag, priority is dete-
mined by the P[3:1]_PP bit.
Pulled low = Disable 802.1p prioritizing (default).
Pulled high = Enable 802.1p prioritizing.
P[3:1]_PP
H
Selects port receive priority in the absence of 802.1p handling.
Pulled low = Low priority (default).
Pulled high = High priority.
P[3:1]_TAGINS
H
Inserts 802.1p tag in received packets if not already existent. The priority field is set
based on the port P[3:1]_PP bit. For the P[3:1]_PP bit tied low, the priority field is set
to 000 and for the P[3:1]_PP bit tied high, the priority field is set to 111.
Pulled low = No change to received packet (default).
Pulled high = Insert 802.1p tag.
Note that if P[3:1]_TAGINS and P[3:1]_TAGRM are both set for the same port, there
is no change to the packet.
P[3:1]_TAGRM
H
Removes 802.1p tag in received packets if they exist.
Pulled low = No change to received packet (default).
Pulled high = Remove 802.1p tag.
Note that if P[3:1]_TAGINS and P[3:1]_TAGRM are both set for the same port, there
is no change to the packet.
P[3:1]_TXQ2
H
Selects transmit queue split on a per port basis. The split sets up high and low priority
queues.
Pulled low = Single transmit queue (default)
Pulled high = Separate high and low transmit queues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com