Electronic Components Datasheet Search
  English  ▼

X  

TPS40422 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40422
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40422 Datasheet HTML 1Page - Texas Instruments TPS40422 Datasheet HTML 2Page - Texas Instruments TPS40422 Datasheet HTML 3Page - Texas Instruments TPS40422 Datasheet HTML 4Page - Texas Instruments TPS40422 Datasheet HTML 5Page - Texas Instruments TPS40422 Datasheet HTML 6Page - Texas Instruments TPS40422 Datasheet HTML 7Page - Texas Instruments TPS40422 Datasheet HTML 8Page - Texas Instruments TPS40422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TPS40422
SMBALRT
BP6
BPEXT
VDD
AGND
24
25
6
HDRV1
BOOT1
SW1
LDRV1
PGND
CS1P
CS1N
GSNS1
DIFFO1
FB1
COMP1
TSNS1
VSNS1
29
30
28
27
26
34
35
37
38
39
2
3
36
V
OUT1
HDRV2
BOOT2
SW2
LDRV2
CS2P
CS2N
GSNS2
FB2
COMP2
TSNS2
VSNS2
21
20
22
23
18
17
15
14
8
7
16
V
OUT2
32
9
BP3
ADDR1
ADDR0
CNTL2
PG2
RT
10
1
19
5
12
11
CLK
DATA
CNTL1
PG1
SYNC
13
40
33
4
31
V
IN
SMBALRT
CLK
DATA
CNTL1
PG1
SYNC
CNTL2
PG2
UDG-11278
TPS40422
SLUSAQ4A
– OCTOBER 2011 – REVISED DECEMBER 2011
www.ti.com
SIMPLIFIED APPLICATION
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
TEMPERATUREE
OUTPUT
ORDERABLE DEVICE
PACKAGE
PINS
MINIMUM QUANTITY
RANGE
SUPPLY
NUMBER
Tape and Reel
3000
TPS40422RHAR
–40°C to 125°C
QFN
40
Tube
250
TPS40422RHAT
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com