Electronic Components Datasheet Search
  English  ▼

X  

TPS40422 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40422
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40422 Datasheet HTML 17Page - Texas Instruments TPS40422 Datasheet HTML 18Page - Texas Instruments TPS40422 Datasheet HTML 19Page - Texas Instruments TPS40422 Datasheet HTML 20Page - Texas Instruments TPS40422 Datasheet HTML 21Page - Texas Instruments TPS40422 Datasheet HTML 22Page - Texas Instruments TPS40422 Datasheet HTML 23Page - Texas Instruments TPS40422 Datasheet HTML 24Page - Texas Instruments TPS40422 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
FB
V
VREF _ TRIM
0.6
=
+
FB
V
STEP _ VREF _ MARGIN _ HIGH
VREF _ TRIM
0.6
=
+
+
FB
V
STEP _ VREF _ MARGIN _ LOW
VREF _ TRIM
0.6
=
+
+
(
)
OUT
FB
R2
R1
V
V
R2
æ
ö
+
=
´ ç
÷
ç
÷
è
ø
TPS40422
www.ti.com
SLUSAQ4A
– OCTOBER 2011 – REVISED DECEMBER 2011
These output states are set using the OPERATION command. The FB pin reference voltage is calculated as
follows in each of these states.
No margin voltage:
(7)
Margin high voltage state:
(8)
Margin low state:
where
•
VFB is the FB pin voltage
•
VREF_TRIM is the offset voltage in volts to be applied to the output voltage
•
VREF_MARGIN_HIGH is the requested margin high voltage
•
VREF_MARGIN_LOW is the requested margin low voltage
(9)
For these conditions, the output voltage is shown in Equation 10.
where
•
VFB is the pin voltage calculated in Equation 7, Equation 8 or Equation 9 depending on the output state
•
R2 and R1 are in consistent units from Figure 9
•
VOUT is the output voltage
(10)
NOTE
The sum of the margin and trim voltages cannot be more tha between
–20% and +10% of
the nominal output voltage. The FB pin voltage can deviate no more that this from the
nominal 600 mV.
Reading the Output Current
The average output current for the converter is readable using the READ_IOUT command. The results of this
command support only positive or current sourced from the converter. If the converter is sinking current the result
of this command is a reading of 0 A.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS40422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com