Electronic Components Datasheet Search
  English  ▼

X  

TPS40422 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40422
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40422 Datasheet HTML 9Page - Texas Instruments TPS40422 Datasheet HTML 10Page - Texas Instruments TPS40422 Datasheet HTML 11Page - Texas Instruments TPS40422 Datasheet HTML 12Page - Texas Instruments TPS40422 Datasheet HTML 13Page - Texas Instruments TPS40422 Datasheet HTML 14Page - Texas Instruments TPS40422 Datasheet HTML 15Page - Texas Instruments TPS40422 Datasheet HTML 16Page - Texas Instruments TPS40422 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
TPS40422
www.ti.com
SLUSAQ4A
– OCTOBER 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
General Description/Control Architecture
The TPS40422 is a flexible synchronous buck controller. It can be used as a dual-output controller, or as a
two-phase single-output controller. It operates with a wide input range from 4.5 V to 20 V and generates accurate
regulated output as low as 600 mV.
In dual output mode, voltage mode control with input feed-forward architecture is implemented. With this
architecture, the benefits are less noise sensitivity, no control instability issues for small DCR applications, and a
smaller minimum controllable on-time, often desired for high conversion ratio applications.
In two-phase single-output mode, a current-sharing loop is implemented to ensure a balance of current between
phases. Because the induced error current signal to the loop is much smaller when compared to the PWM ramp
amplitude, the control loop is modeled as voltage mode with input feed-forward.
DESIGN NOTE
To operate the device in two-phase mode, tie the FB2 pin to the BP6 pin and tie the
COMP1 pin to the COMP2 pin. These connections must be made before applying voltage
to the VDD pin.
PMBus General Description
Timing and electrical characteristics of the PMBus can be found in the PMB Power Management Protocol
Specification, Part 1, revision 1.1 available at http://pmbus.org. The TPS40422 supports both the 100 kHz and
400 kHz bus timing requirements. The TPS40422 does not stretch pulses on the PMBus when communicating
with the master device.
Communication over the TPS40422 device PMBus interface can either support the Packet Error Checking (PEC)
scheme or not. If the master supplies CLK pulses for the PEC byte, it is used. If the CLK pulses are not present
before a STOP, the PEC is not used.
The TPS40422 supports a subset of the commands in the PMBus 1.1 specification. Most all of the controller
parameters can be programmed using the PMBus and stored as defaults for later use. All commands that require
data input or output use the literal format. The exponent of the data words is fixed at a reasonable value for the
command and altering the exponent is not supported. Direct format data input or output is not supported by the
TPS40422. See the SUPPORTED COMMANDS section for specific details.
The TPS40422 also supports the SMBALERT response protocol. The SMBALERT response protocol is a
mechanism by which a slave (the TPS40422) can alert the bus master that it wants to talk. The master
processes this event and simultaneously accesses all slaves on the bus (that support the protocol) through the
alert response address. Only the slave that caused the alert acknowledges this request. The host performs a
modified receive byte operation to get the slave
’s address. At this point, the master can use the PMBus status
commands to query the slave that caused the alert. For more information on the SMBus alert response protocol,
see the System Management Bus (SMBus) specification.
The TPS40422 contains non-volatile memory that is used to store configuration settings and scale factors. The
settings programmed into the device are not automatically saved into this non-volatile memory though. The
STORE_USER_ALL command must be used to commit the current settings to non-volatile memory as device
defaults. The settings that are capable of being stored in non-volatile memory are noted in their detailed
descriptions.
Voltage Reference
The 600-mV bandgap cell is internally connected to the non-inverting input of the error amplifier. The reference
voltage is trimmed with the error amplifier in a unity gain configuration to remove amplifier offset from the final
regulation voltage. The 0.5-% tolerance on the reference voltage allows the user to design a very accurate power
supply.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS40422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com