Electronic Components Datasheet Search
  English  ▼

X  

MIC3002BML Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MIC3002BML
Description  FOM Management IC with Internal Calibration
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002BML Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MIC3002BML Datasheet HTML 26Page - Micrel Semiconductor MIC3002BML Datasheet HTML 27Page - Micrel Semiconductor MIC3002BML Datasheet HTML 28Page - Micrel Semiconductor MIC3002BML Datasheet HTML 29Page - Micrel Semiconductor MIC3002BML Datasheet HTML 30Page - Micrel Semiconductor MIC3002BML Datasheet HTML 31Page - Micrel Semiconductor MIC3002BML Datasheet HTML 32Page - Micrel Semiconductor MIC3002BML Datasheet HTML 33Page - Micrel Semiconductor MIC3002BML Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
30
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
MIC3002 provides a facility for temperature compensation
of the A.P.C. loop set-point, laser modulation current, bias
current fault comparator threshold, and bias current high
alarm flag threshold. Temperature compensation is
performed using a look-up table (LUT) that stores values
corresponding to each measured temperature over a
150°C span. Four identical tables reside at serial address
A4h and A6h as summarized in Table 16. Each table
entry is a signed twos complement number that is used
as an offset to the parameter being compensated. The
default value of all table entries is zero, giving a flat
response.
The A/D converter reports a new temperature sample
each tCONV. This occurs at roughly 10Hz. To prevent
temperature oscillation due to thermal or electrical noise,
sixteen successive temperature samples are averaged
together and used to index the L.U.T.s. Temperature
compensation results are therefore. updated at 16xtCONV
intervals, or about 1.6 seconds. This can be expressed as
shown in Equation 10:
(10)
Each time an updated average value is acquired, a new
offset value for the APC setpoint is read from the
corresponding
look-up
table
(see
Table
17)
and
transferred to the APC circuitry. This is illustrated in
Equation 11. In a same way, new offset values are taken
from similar look-up tables (see Table 18 and Table 19),
added to the nominal values and transferred into the
modulation and fault comparator DACs. The bias current
high alarm threshold is compensated using a fourth look-
up table (see Table 20). This compensation happens
internally and does not
affect any host-accessible
registers.
(11)
If the measured temperature is greater than the maximum
table value, the highest value in each table is used. If the
measured temperature is less than the minimum, the
minimum value is used. Hysteresis is employed to further
enhance noise immunity and prevent oscillation about a
table threshold. Each table entry spans two degrees C. The
table index will not change unless the new temperature
average results in a table index beyond the midpoint of the
next entry in either direction. There is therefore 2 to 3°C of
hysteresis on temperature compensation changes. The
table index will never oscillate due to quantization noise as
the hysteresis is much larger than ±1
⁄2 LSB.
Serial
Address
Byte
Addresses
Function
I2CADR+4h
00h–3Fh
APC Look-up Table
40h–7Fh
IMOD Look-up Table
80h–BFh
IFLT Look-up Table
C0h–FFh
Bias High Alarm Look-up
Table
I2CADR+6h
90h–9Bh
APC Look-up Table (cont.)
A0h–ABh
IMOD Look-up Table
(cont.)
B0h–BBh
IFLT Look-up Table (cont.)
C0h–CBh
Bias High Alarm Look-up
Table (cont.)
Table 16. Temperature Compensation Look-up Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com